Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC0102A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CSC0102A
Description  3 Dimensions 3 Keys USB & PS/2 Combo Mouse Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC0102A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CSC0102A Datasheet HTML 3Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 10Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CHESEN
CSC0102A 3D 3Keys USB & PS/2 Combo Mouse Controller
2004/April
V2.00
7
Pin Configurations
CSC0102A
PAD #
NAME
IN/OUT
DESCRIPTION
5
P3.4
I
Resolution selection (400/600/800/Auto cpi)
Open: 400cpi; 10K pull-up: 600cpi; GND: 800cpi;
VCC: Auto configure
7
P3.6
I
Force to VCC
8
RESETB
I
External reset
9
P0.0
O
Optical Scrolling LED Control
10
P0.1
I
Z+ Axis A
11
P0.2
I
Z+ Axis B
12
P0.3
O
Suspend control
17
P1.0
I
X Axis A / Optical sensor control clock
18
P1.1
I
X Axis B / Optical sensor control data
21
P1.4
I
Y Axis A
22
P1.5
I
Y Axis B
25
P2.0
I
Button R key input
26
P2.1
I
Button M key input
27
P2.2
I
Button L key input
30
P2.5
I
Force connect to P2.2
31
P2.6
I
Button RR key input
32
P2.7
I
Button LL key input
37
PZ
I
Z Axis scrolling ratio
38
VDD
P
Power supply 5V
40
OSCO
OUT
Crystal/Ceramic resonator out
41
OSCI
IN
Crystal/Ceramic resonator in
43
GND
P
Ground
44
PY
I
Z Axis scrolling ratio
45
USB3V3
I
USB 3.3V
46
VCP
O
Power 3.3V
47
D+/SCLK
I/O
USB data+ / PS/2 SCLK signal
48
D-/SDATA
I/O
USB data- / PS/2 SDATA signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com