Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC0102A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CSC0102A
Description  3 Dimensions 3 Keys USB & PS/2 Combo Mouse Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC0102A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CSC0102A Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 10Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 11Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CHESEN
CSC0102A 3D 3Keys USB & PS/2 Combo Mouse Controller
2004/April
V2.00
9
Electrical Characteristics
VDD=5V, GND=0V, TA=25℃, Fosc=6MHz
Parameters
Symbol
Min
Typ
Max
Unit
Conditions
Operating Voltage
Vdd
4.4
5
5.25
V
Operating Current
Iop
30
mA
No load
Suspend Current
Isp
500
uA
Input High Voltage
Vih
2
V
Input Low Voltage
Vil
0.8
V
Output High Voltage
Voh
2.4
V
Output Low Voltage
Vol
0.4
V
Pull-up Resistance
Rup
20K
Ω
Product Matrix
Memory
Part Number
ROM Size RAM Size
I/Os
Package Type
Operating Range
CSC0102A
8K Bytes
256 Bytes
12
Dice
Commercial
CSC0102A-01D18
8K Bytes
256 Bytes
10
18-pin PDIP
Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com