Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC0102A Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CSC0102A
Description  3 Dimensions 3 Keys USB & PS/2 Combo Mouse Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSC0102A Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CSC0102A Datasheet HTML 4Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 5Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 6Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 7Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 8Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 9Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 10Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 11Page - List of Unclassifed Manufacturers CSC0102A Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CHESEN
CSC0102A 3D 3Keys USB & PS/2 Combo Mouse Controller
2004/April
V2.00
8
CSC0102A-01D18
PIN #
NAME
IN/OUT
DESCRIPTION
1
GND
P
Ground
2
VCP
O
Power 3.3V
3
D+/SCLK
I/O
USB data+ / PS/2 SCLK signal
4
D-/SDATA
I/O
USB data- / PS/2 SDATA signal
5
RESETB
I
External reset
6
P0.0
O
Optical Scrolling LED Control
7
P0.1
I
Z Axis A
8
P0.2
I
Z Axis B
9
P1.0
I
X Axis A / Optical sensor control clock
10
P1.1
I
X Axis B / Optical sensor control data
11
P1.4
I
Y Axis A
12
P1.5
I
Y Axis B
13
P2.0
I
Button R key input
14
P2.1
I
Button M key input
15
P2.2
I
Button L key input
16
VDD
P
Power supply 5V
17
OSCO
OUT
Crystal/Ceramic resonator out
18
OSCI
IN
Crystal/Ceramic resonator in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com