Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 5 Page - Renesas Technology Corp

  8P34S2108NLGI Datasheet HTML 1Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 2Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 3Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 4Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
Absolute Maximum Ratings
NOTE:
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to
the device. Functional operation of the 8P34S2108 at absolute maximum ratings is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
DC Electrical Characteristics
Table 4. Absolute Maximum Ratings
Item
Rating
Supply voltage, VDD[a]
[a]VDD denotes VDDA, VDDB.
3.6V
Inputs, VI
-0.5V to 3.6V
Inputs, II
20mA
Outputs, IO
Continuous current
Surge current
10mA
15mA
Input sink/source, IREF
±2mA
Maximum Junction Temperature, TJ,MAX
125°C
Storage Temperature, TSTG
-65°C to 150°C
ESD - Human Body Model[b]
[b] According to JEDEC JS-001-2012/JESD22-C101E.
2000V
ESD - Charged Device Model[b]
1500V
Table 5. DC Input Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Unit
CIN
Input Capacitance
-
2
-
pF
RPULLDOWN
Input Pull-down Resistor
-
51
-
k
RPULLUP
Input Pull-up Resistor
-
51
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com