Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 1 Page - Renesas Technology Corp

  8P34S2108NLGI Datasheet HTML 1Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 2Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 3Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 4Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
©2016-2023 Renesas Electronics Corporation
March 21, 2023
Description
The 8P34S2108 is a high-performance, low-power, differential
dual 1:8 LVDS output 1.8V/2.5V fanout buffer. The device
supports fail-safe operation and is designed for the fanout of
high-frequency, very low additive phase-noise clock and data
signals. Two independent buffer channels are available, each
channel has two low skew outputs. High isolation between
channels minimizes noise coupling.
Guaranteed output-to-output and part-to-part skew characteristics
make the 8P34S2108 ideal for those clock distribution
applications demanding well-defined performance and
repeatability. The device is characterized to operate from a 1.8V
or 2.5V power supply. The integrated bias voltage references
enable easy interfacing AC-coupled signals to the device inputs.
Block Diagram
Features
▪ Dual 1:8 low skew, low additive jitter LVDS fanout buffers
▪ Matched AC characteristics across both channels
▪ High isolation between channels
▪ Both differential CLKA, nCLKA and CLKB, nCLKB inputs
accept LVDS, LVPECL and single-ended LVCMOS levels
▪ Maximum input clock frequency: 2GHz
▪ Output amplitudes: 350mV, 500mV or disable (selectable)
▪ Output bank skew: 10ps typical
▪ Output skew: 20ps typical
▪ Low additive phase jitter, RMS: 45fs typical
(fREF = 156.25MHz, 12kHz–20MHz)
▪ Full 1.8V and 2.5V supply voltage mode
▪ Low device current consumption (IDD):
• 280mA typical: 1.8V
• 290mA typical: 2.5V
▪ Lead-free (RoHS 6), 48-lead VFQFPN packaging
▪ -40°C to +85°C ambient operating temperature
▪ Supports case temperature up to +105°C
CLKA
nCLKA
VREFA
SELAA
Voltage
Reference A
QA0
nQA0
QA1
nQA1
QA2
nQA2
QA3
nQA3
QA4
nQA4
QA5
nQA5
QA6
nQA6
QA7
nQA7
51k
51k
51k
CLKB
nCLKB
VREFB
SELAB
Voltage
Reference B
51k
51k
51k
QB0
nQB0
QB1
nQB1
QB2
nQB2
QB3
nQB3
QB4
nQB4
QB5
nQB5
QB6
nQB6
QB7
nQB7
51k
51k
VDDB
VDDA
VDDA
VDDB
51k
51k
8P34S2108
Datasheet
Dual 1:8 LVDS Output 1.8V / 2.5V
Fanout Buffer


Similar Part No. - 8P34S2108NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2108NLGI IDT-8P34S2108NLGI Datasheet
544Kb / 20P
Dual 1:8 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S2108NLGI RENESAS-8P34S2108NLGI Datasheet
978Kb / 21P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
November 20, 2023
logo
Integrated Device Techn...
8P34S2108NLGI/W IDT-8P34S2108NLGI/W Datasheet
544Kb / 20P
Dual 1:8 LVDS Output 1.8V Fanout Buffer
logo
Renesas Technology Corp
8P34S2108NLGI/W RENESAS-8P34S2108NLGI/W Datasheet
978Kb / 21P
Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
November 20, 2023
logo
Integrated Device Techn...
8P34S2108NLGI8 IDT-8P34S2108NLGI8 Datasheet
544Kb / 20P
Dual 1:8 LVDS Output 1.8V Fanout Buffer
More results

Similar Description - 8P34S2108NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S2102 IDT-8P34S2102 Datasheet
438Kb / 19P
Dual 1:2 LVDS Output 1.8V Fanout Buffer
8P34S2104 IDT-8P34S2104 Datasheet
439Kb / 19P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106 Datasheet
423Kb / 20P
Dual 1:6 LVDS Output 1.8V Fanout Buffer
8P34S2108 IDT-8P34S2108 Datasheet
544Kb / 20P
Dual 1:8 LVDS Output 1.8V Fanout Buffer
8P34S2104 IDT-8P34S2104_18 Datasheet
321Kb / 17P
Dual 1:4 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
logo
Renesas Technology Corp
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2104 RENESAS-8P34S2104 Datasheet
1Mb / 20P
Dual 1:4 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106 RENESAS-8P34S2106 Datasheet
1Mb / 26P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2106A RENESAS-8P34S2106A Datasheet
1Mb / 21P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
Mar 21, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com