Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 8P34S2108NLGI
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI Datasheet HTML 4Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 10Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
AC Electrical Characteristics
Table 11. AC Electrical Characteristics, VDDA = VDDB = VDDQA = VDDQB 1.8V ±5%, 2.1V - 2.7V,
TA = -40°C to +85°C [a]
Symbol
Parameter
Test Conditions
Minimum Typical
Maximum
Unit
fREF
Input Frequency
-
-
2
GHz
V/t
Input Edge Rate
1.5
-
-
V/ns
tPD
Propagation Delay[b], [c]
CLKA to any QAx, CLKB to any nQBx
100
255
400
ps
tsk(o)
Output Skew[d], [e]
-
20
40
ps
tsk(b)
Output Bank Skew[e], [f]
-
10
25
ps
tsk(p)
Pulse Skew[g]
fREF = 100MHz
-
5
25
ps
tsk(pp)
Part-to-part Skew[e], [h]
-
-
200
ps
tJIT
Buffer Additive Phase Jitter, RMS
fREF = 156.25MHz; square wave,
VDD = 1.8V ±5%, VPP = 0.5V;
Integration range: 1kHz–40MHz
-
60
80
fs
fREF = 156.25MHz square wave,
VDD = 1.8V ±5%, VPP = 1V;
Integration range: 12kHz–20MHz
-
45
60
fs
fREF = 156.25MHz; square wave,
VDD = 2.5V, VPP = 0.5V;
Integration range: 1kHz–40MHz
-
54
75
fs
fREF = 156.25MHz square wave,
VDD = 2.5V, VPP = 1V;
Integration range: 12kHz–20MHz
-
40
55
fs
N(30M)
Clock Single-side Band Phase
Noise
30MHz offset from carrier and noise floor,
VDD = 1.8V
-
< -160
-
dBc/Hz
30MHz offset from carrier and noise floor,
VDD = 2.5V
-
< -165
-
dBc/Hz
tJIT, SP
Spurious Suppression, Coupling
between Channels
fQA = 491.52MHz, fQB = 61.44MHz; VDD =
1.8V, measured between neighboring
outputs
-
-59
-
dB
fQA = 491.52MHz, fQB = 15.36MHz; VDD =
1.8V, measured between neighboring
outputs
-
-59
-
dB
fQA = 491.52MHz, fQB = 61.44MHz; VDD =
2.5V, measured between neighboring
outputs
-
-54
-
dB
fQA = 491.52MHz, fQB = 15.36MHz; VDD =
2.5V, measured between neighboring
outputs
-
-67
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com