Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI8 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI8 Datasheet HTML 9Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 10Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 11Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 12Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 13Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
1.8V Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL and other differential signals. The differential input signal must meet both the VPP and VCMR
input requirements. Figure 4 to Figure 6 show interface examples for the CLK /nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver termination requirements.
Figure 4. Differential Input Driven by an LVDS Driver – DC Coupling
Figure 5. Differential Input Driven by an LVDS Driver – AC Coupling
Figure 6. Differential Input Driven by an LVPECL Driver – AC Coupling
 
Zo = 50
R1
100
R2
2.4k
LVDS
1.8V
CLK
nCLK
VREF
C2 0.1uF R3
5k
Zo = 50
VDD
C1 0.1uF
 
Zo = 50
R6
100 - 200
R4
0 - 100
R1
100
R2
2.4k
LVPECL
1.8V
CLK
nCLK
VREF
C2 0.1uF
R7
100 - 200
R3
5k
Zo = 50
R5
0 - 100
2,5V or 3.3V
C1 0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com