Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI8 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 8P34S2108NLGI8 Datasheet HTML 14Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 15Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 16Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 17Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 18Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 19Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 20Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 21Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
48-VFQFPN, Package Outline Drawing
7.0 x 7.0 x 0.85 mm Body, 0.5mm Pitch,Epad 5.65 x 5.65 mm
NLG48P1, PSC-4203-01, Rev 02, Page 2
Add Corner Lead Chamfer
Nov 20, 2015
Rev 00
Initial Release
Rev 02
May 29, 2018
Mar 7, 2018
Rev 01
New Format, Change Pin1 Identifier, Change QFN to VFQFPN
Description
Package Revision History
Rev No.
Date Created



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com