Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S2108NLGI8 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8P34S2108NLGI8
Description  Dual 1:8 LVDS Output 1.8V / 2.5V Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P34S2108NLGI8 Datasheet(HTML) 2 Page - Renesas Technology Corp

  8P34S2108NLGI8 Datasheet HTML 1Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 2Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 3Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 4Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 5Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 6Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 7Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 8Page - Renesas Technology Corp 8P34S2108NLGI8 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
©2016-2023 Renesas Electronics Corporation
March 21, 2023
8P34S2108 Datasheet
Pin Assignments
Figure 1. Pin Assignments for 7 × 7 mm 48-VFQFPN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions[a]
Number
Name
Type
Description
1
GND
Power
Power supply ground.
2
SELAB
Input [PD/PU]
Control input. Output amplitude select for channel B.
3
CLKB
Input [PD]
Non-inverting differential clock/data input for channel B.
4
nCLKB
Input [PD/PU]
Inverting differential clock/data input for channel B.
5
VREFB
Output
Bias voltage reference for the CLKB, nCLKB input pairs.
6
VDDB
Power
Power supply pins for the core and inputs of channel B.
7
VDDA
Power
Power supply pins for the core and inputs of channel A.
8
VREFA
Output
Bias voltage reference for the CLKA, nCLKA input pairs.
9
nCLKA
Input [PD/PU]
Inverting differential clock/data input.
10
CLKA
Input [PD]
Non-inverting differential clock/data input.
11
SELAA
Input [PD/PU]
Control input: Output amplitude select for channel A.
12
GND
Power
Power supply ground.
13
VDDQA
Power
Power supply pin for the channel A outputs QA[0:7].
14
QA0
Output
Differential output pair A0. LVDS interface levels.
15
nQA0
Output
Differential output pair A0. LVDS interface levels.
nQB6
nQB5
QB5
nQB4
QB4
nQB3
QB3
VDDQB
nQB7
QB7
QB6
VDDQB
QA1
QA2
nQA2
QA3
nQA3
QA4
nQA4
VDDQA
QA0
nQA0
nQA1
VDDQA
12
34
56
789 10 11 12
24
23
22
21
20
19
18
16
17
15
14
13
37
38
39
40
41
42
43
45
44
46
47
48
36 35 34 33 32 31 30 29 28 27 26 25
8P34S2108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com