Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1942T-1E/4MX. Datasheet(PDF) 2 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 2 Page - Microchip Technology

  PAC1942T-1E/4MX. Datasheet HTML 1Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 2Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 3Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 4Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 5Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 6Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
PAC194X
DS20006543A-page 2
 2021 Microchip Technology Inc.
Package Types
PAC194X-1
2.225 x 2.17 mm WLCSP
PAC194X-1
3x3mm VQFN*
*Includes Exposed Thermal Pad; see Table 3-1 and Table 3-2.
A
B
C
D
12
3
4
SENSE1+
SENSE1-
VBUS1-
VBUS1+
VBUS2-
VBUS2+
SENSE2+
SENSE2-
GND
SDA
SCL
VDD
GPIO/ALERT2
ADDRSEL
PWRDN
SLOW/ALERT1
GND
SENSE1+
SENSE1-
SCL
1
2
3
4
EP
VDD
12
11
10
9
SLOW/ALERT1
SENSE4+
SENSE4-
A
B
C
D
12
3
4
SENSE1+
SENSE1-
SENSE2+
SENSE2-
SENSE3+
SENSE3-
SENSE4+
SENSE4-
GND
SDA
SCL
VDD
GPIO/ALERT2
ADDRSEL
PWRDN
SLOW/ALERT1
GND
SENSE1+
SENSE1-
SCL
1
2
3
4
EP
VDD
12
11
10
9
SLOW/ALERT1
SENSE2+
SENSE2-
PAC194X-2
3x3mm VQFN*
PAC194X-2
2.225 x 2.17 mm WLCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com