Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1942T-1E/4MX. Datasheet(PDF) 11 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 11 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 9Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 10Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 11Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 12Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 13Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 14Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 11
PAC194X
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, maximum values are at TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V
to 9V. Typical values are at TA = +25°C, VDD = 3.3V, VBUS = 3.3V, VSENSE = (SENSE+ – SENSE-) = 0V.
FIGURE 2-1:
VSENSE Error vs. VSENSE
Input Voltage.
FIGURE 2-2:
VSENSE Error vs. VSENSE
Input Voltage, Bidirectional Mode.
FIGURE 2-3:
VSENSE Error vs. VSENSE
Input Voltage, Bidirectional Mode.
FIGURE 2-4:
VSENSE Error vs. VSENSE
Input Voltage, Bidirectional Mode.
FIGURE 2-5:
VSENSE Error vs. VSENSE
Input Voltage at Multiple Temperatures.
FIGURE 2-6:
VSENSE Error vs. VSENSE
Input Voltage at Multiple Temperatures.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
10 V
100 V
1 mV
10 m
100 m
-35
-30
-25
-20
-15
-10
-5
0
5
Sense Input Voltage (V)
VDD: 5.5 , 25˚C
VDD: 2.7 , 25˚C
-0.100%
-0.080%
-0.060%
-0.040%
-0.020%
0.000%
0.020%
0.040%
0.060%
0.080%
-100
-50
0
50
100
Sense Input Voltage (mV)
VDD: 5.5 , 125˚C
VDD: 5.5 , 85˚C
VDD: 5.5 , 25˚C
VDD: 5.5 , 0˚C
VDD: 5.5 , -40˚C
-0.100%
-0.080%
-0.060%
-0.040%
-0.020%
0.000%
0.020%
0.040%
0.060%
0.080%
-100
-50
0
50
100
Sense Input Voltage (mV)
VDD: 2.7 , 125˚C
VDD: 2.7 , 85˚C
VDD: 2.7 , 25˚C
VDD: 2.7 , 0˚C
VDD: 2.7 , -40˚C
-0.020%
-0.015%
-0.010%
-0.005%
0.000%
0.005%
0.010%
-100
-50
0
50
100
Sense Input Voltage (mV)
VDD: 5.5 , 25˚C
VDD: 2.7 , 25˚C
-0.010%
0.000%
0.010%
0.020%
0.030%
0.040%
0.050%
0.060%
0.070%
0.080%
020
40
60
80
100
Sense Input Voltage (mV)
VDD: 5.5 , 125˚C
VDD: 5.5 , 85˚C
VDD: 5.5 , 25˚C
VDD: 5.5 , 0˚C
VDD: 5.5 , -40˚C
-0.010%
0.000%
0.010%
0.020%
0.030%
0.040%
0.050%
0.060%
0.070%
0.080%
0
20
40
60
80
100
Sense Input Voltage (mV)
VDD: 2.7 , 125˚C
VDD: 2.7 , 85˚C
VDD: 2.7 , 25˚C
VDD: 2.7 , 0˚C
VDD: 2.7 , -40˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com