Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1942T-1E/4MX. Datasheet(PDF) 7 Page - Microchip Technology

Part # PAC1942T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1942T-1E/4MX. Datasheet(HTML) 7 Page - Microchip Technology

Back Button PAC1942T-1E/4MX. Datasheet HTML 3Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 4Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 5Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 6Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 7Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 8Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 9Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 10Page - Microchip Technology PAC1942T-1E/4MX. Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 7
PAC194X
VSENSE Offset
Accuracy, Referenced
to Input
VSENSE_OFFSET_ERR
—
±25
±100
µV
16-bit resolution
VBUS Gain Accuracy
VBUS_GAIN_ERR
—
±0.02
±0.2
±0.25
%
At +25°C
typical, -40°C to +125°C
Power Accumulator Accuracy (1 Sigma Error Range with > 1000 Accumulations)
Accumulator Error
ACC_Err
—
0.1
—
%
VSENSE = 97 mV
—0.1
—
VSENSE = 10 mV
—1
—
VSENSE = 1 mV
—2
—
VSENSE = 100 µV
—4
—
VSENSE = 50 µV
Active Mode Timing
Time to First
Communications
tINT_T
—
—
50
ms
Time after VDD is applied before it
is ready to begin communication
and measurement.
Transition from Sleep
State to Start of
Conversion Cycle
tSLEEP_TO_ACTIVE
—
—
5
ms
Time from Sleep state exit
commanded by register write to
the beginning of the conversion
cycle.
Digital I/O Pins (SLOW/ALERT, SM_CLK, SM_DATA Pins)
Input High Voltage
VIH
1.35
—
—
V
Input Low Voltage
VIL
——
0.8
V
Output Low Voltage
VOL
—
—
0.4
V
Sinking 8 mA for the ALERT pins
and 20 mA for the CLK pin in all
modes. 4 mA for the SDA pin in
3.4 MHz mode.
Leakage Current
ILEAK
-0.5
—
+0.5
µA
Powered or unpowered
Digital I/O Pin (PWRDN)
Input High Voltage
VIH
1.3
—
—
V
Input Low Voltage
VIL
——
0.6
V
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, TA = -40°C to +125°C,
VDD = 2.7V to 5.5V, VBUS = 0V to 9V; VSENSE = (SENSE+ – SENSE-) = 0V;
Typical values are at TA = +25°C, VDD = 3.3V
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com