Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6563
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6563 Datasheet HTML 25Page - STMicroelectronics L6563 Datasheet HTML 26Page - STMicroelectronics L6563 Datasheet HTML 27Page - STMicroelectronics L6563 Datasheet HTML 28Page - STMicroelectronics L6563 Datasheet HTML 29Page - STMicroelectronics L6563 Datasheet HTML 30Page - STMicroelectronics L6563 Datasheet HTML 31Page - STMicroelectronics L6563 Datasheet HTML 32Page - STMicroelectronics L6563 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
L6563 - L6563A
Application information
29/37
Figure 42. Interface circuits that let the L6563/A switch on or off a PWM controller
If this is not the case or it is not possible to achieve a start-up delay long enough (because
this prevents the DC-DC stage from starting up correctly) or, simply, the PWM controller is
devoid of soft start, the arrangement of Figure 43 lets the DC-DC converter start-up when
the voltage generated by the PFC stage reaches a preset value. The technique relies on the
UVLO thresholds of the PWM controller.
Figure 43. Interface circuits for actual power-up sequencing (master PFC)
Another possible use of the RUN and PWM_STOP pins (again, in systems where the PFC
stage is the master) is brownout protection, thanks to the hysteresis provided.
Brownout protection is basically a not-latched device shutdown function that must be
activated when a condition of mains undervoltage is detected. This condition may cause
overheating of the primary power section due to an excess of RMS current. Brownout can
also cause the PFC pre-regulator to work open loop and this could be dangerous to the PFC
stage itself and the downstream converter, should the input voltage return abruptly to its
rated value. Another problem is the spurious restarts that may occur during converter power
down and that cause the output voltage of the converter not to decay to zero monotonically.
For these reasons it is usually preferable to shutdown the unit in case of brownout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com