Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6563
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6563 Datasheet HTML 29Page - STMicroelectronics L6563 Datasheet HTML 30Page - STMicroelectronics L6563 Datasheet HTML 31Page - STMicroelectronics L6563 Datasheet HTML 32Page - STMicroelectronics L6563 Datasheet HTML 33Page - STMicroelectronics L6563 Datasheet HTML 34Page - STMicroelectronics L6563 Datasheet HTML 35Page - STMicroelectronics L6563 Datasheet HTML 36Page - STMicroelectronics L6563 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Application examples and ideas
L6563 - L6563A
34/37
Figure 52. Demagnetization sensing without auxiliary winding
Figure 53. Enhanced turn-off for big MOSFET driving
Figure 51. 350W, wide-range-mains PFC pre-regulator with fixed output voltage and FOT control
14
3
B1
KBU8M
R1A
620 k
Ω
C1
1 µF
400V
C2
1 µF
FUSE
8A/250V
R8
1.5 k
Ω
11
12
L6563
13
21
M1A
STP12NM50
4
C11
220 µF
450 V
Vout =400V
Pout = 350W
Vac
88V
to
264V
R12A,B,C
0.33
Ω
1 W
+
-
C3
10nF
D2
STTH806DTI
R9 6.8
Ω
C5
1 µF
R1B
620 k
Ω
R2
10 k
Ω
D3 1N4148
D5
1N4148
R7
12 k
Ω
C7
560 pF
C6 330 pF
NTC1
2.5
Ω
D1
1N5406
C9
470 nF
630 V
R5
6.8 k
Ω
R10 6.8
Ω
D4
1N4148
M1B
STP12NM50
R6
1.5 k
Ω
TR1
BC557
L1
R15A
1.87 M
Ω
R16
20 k
Ω
R15B
1.87 M
Ω
6
7
5
R3
390 k
Ω
C4
470nF
9
8
9
C10
10 nF
10
C8
330 pF
R11 330
Ω
R13A
1 M
Ω
R14
12.7 k
Ω
R13B
1 M
Ω
R4
1 M
Ω
Vcc
10.3 to 22 V
L1: coreE42*21*15, B2material
1.9 mmair gapon centreleg, mainwinding
inductance 0.55mH
58 Tof 20x AWG32 (
∅0.2mm)
13
12
14
GD
GND
DRIVER
Vcc
Q
L6563
L6563A
Rs
BC327
13
12
14
GD
GND
DRIVER
Vcc
Q
L6563
L6563A
Rs
BC327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com