Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6563 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6563
Description  ADVANCED TRANSITION-MODE PFC CONTROLLER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Datasheet(HTML) 1 Page - STMicroelectronics

  L6563 Datasheet HTML 1Page - STMicroelectronics L6563 Datasheet HTML 2Page - STMicroelectronics L6563 Datasheet HTML 3Page - STMicroelectronics L6563 Datasheet HTML 4Page - STMicroelectronics L6563 Datasheet HTML 5Page - STMicroelectronics L6563 Datasheet HTML 6Page - STMicroelectronics L6563 Datasheet HTML 7Page - STMicroelectronics L6563 Datasheet HTML 8Page - STMicroelectronics L6563 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
November 2006
Rev 3
1/37
37
L6563
L6563A
Advanced transition-mode PFC controller
General features
■ Transition-mode control of PFC pre-regulators
■ Very precise adjustable output overvoltage
protection
■ Tracking boost function
■ Protection against feedback loop failure
(Latched shutdown)
■ Interface for cascaded converter's PWM
controller
■ Input voltage feedforward (1/V2)
■ Remote ON/OFF control
■ Low (
≤90µA) start-up current
■ 5mA max. quiescent current
■ 1.5% (@ TJ = 25°C) internal reference voltage
■ -600/+800 mA totem pole gate driver with
active pull-down during UVLO
■ SO14 package
Applications
PFC pre-regulators for:
■ HI-END AC-DC adapter/charger
■ Desktop PC, server, WEB server
■ IEC61000-3-2 OR JEIDA-MITI compliant
SMPS, in excess of 250W
Order code
Part number
Package
Packaging
L6563
SO-14
Tube
L6563TR
SO-14
Tape & Reel
L6563A
SO-14
Tube
L6563ATR
SO-14
Tape & Reel
SO-14
www.st.com
Block diagram
+
-
V REF2
Vbias
(INTERNAL SUPPLY BUS)
+
-
2.5V
R1
R2
+
-
ZE RO CURRE NT
DE TE CTOR
V CC
14
12
3
4
ZCD
V CC
IN V
C O M P
M U LT
CS
GD
13
11
GN D
12
MULTIPLIER
R
S
Q
STAR TE R
1.7V
+
-
6
TBO
2.5 V
PFC _O K
7
1:1
CURRENT
MIRROR
-
RU N
10
0.5 2V
0.6 2V
PW M _LA TC H
8
5
VFF
LEADING-EDGE
BLANKING
1:1
BUFFER
from
VFF
1.4 V
0.7 V
PW M _STOP
9
Vbias
UVL O
CO M P AR A TO R
0.2V
0.3V
15 V
SAT
DIS ABLE
LATCH
UVLO
3V
SAT
Id eal dio de
1 / V2
Sta rter
OFF
Driver
Q
TRACKING
BOOST
ON/OFF CONTROL
(BROWNOUT DETECTION)
LINE VOLTAGE
FEEDFORW ARD
INDUCTOR
SATURATION
DETECTION
( not in L6563A )
FE E D B A C K
F A ILURE
DE TE CTIO N
VO L TAG E
RE G U LA TO R
V o ltage
re fe rence s


Similar Part No. - L6563

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6563A STMICROELECTRONICS-L6563A Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6563ATR STMICROELECTRONICS-L6563ATR Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6563H STMICROELECTRONICS-L6563H Datasheet
1Mb / 48P
High voltage start-up transition-mode PFC
01-Feb-2010
L6563HTR STMICROELECTRONICS-L6563HTR Datasheet
1Mb / 48P
High voltage start-up transition-mode PFC
01-Feb-2010
More results

Similar Description - L6563

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
Advanced transition-mode PFC controller
12-Mar-2007
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
TRANSITION-MODE PFC CONTROLLER
Nov-2005
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
Transition Mode PFC LED Controller
Rev 1-2
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
Advanced transition-mode PFC controller
19-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com