Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2F Datasheet(PDF) 3 Page - NEC

Part # EP2F
Description  HIGH HEAT RESISTIVITY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2F Datasheet(HTML) 3 Page - NEC

  EP2F Datasheet HTML 1Page - NEC EP2F Datasheet HTML 2Page - NEC EP2F Datasheet HTML 3Page - NEC EP2F Datasheet HTML 4Page - NEC EP2F Datasheet HTML 5Page - NEC EP2F Datasheet HTML 6Page - NEC EP2F Datasheet HTML 7Page - NEC EP2F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
EP2F / EP1F SERIES
EP1F SERIES
[H Bridge Type]
[Separate Type]
2 - 1.9
+0.1
–0
2 - 1.9
+0.1
–0
1.9
+0.1
–0
4 - 1.5
+0.1
–0
2 - 1.1
+0.1
–0
2 - 1.5
+0.1
–0
4 - 1.1
+0.1
–0
2 - 1.5
+0.1
–0
4 - 1.1
+0.1
–0
φ
φ
φ
φφ
φ
φ
φ
φ
( 0.075)
φ
( 0.075)
φ
EP2F SERIES
EP1F SERIES
( 0.043)
φ
( 0.059)
φ
( 0.075)
φ
( 0.043)
φ
( 0.059)
φ
( 0.043)
φ
( 0.059)
φ
PCB PAD LAYOUT mm (inch) (BOTTOM VIEW)
JAPAN
EP1F-B3G1
22
14.6 0.5
16.2 0.5
10.1(0.4)
2.65∗(0.1)
8.0(0.31)
3.5
1.3
×1.3
2-0.5
×1.1
2- 0.6
Vent hole
Date code
Part number
4A 1
+
–
+
–
φ
(1.5
×1.5)
(0.02
×0.02)
∗for reference
(0.14)
( 0.02)
φ
(0.63)
(0.58)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com