Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2F Datasheet(PDF) 5 Page - NEC

Part # EP2F
Description  HIGH HEAT RESISTIVITY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2F Datasheet(HTML) 5 Page - NEC

  EP2F Datasheet HTML 1Page - NEC EP2F Datasheet HTML 2Page - NEC EP2F Datasheet HTML 3Page - NEC EP2F Datasheet HTML 4Page - NEC EP2F Datasheet HTML 5Page - NEC EP2F Datasheet HTML 6Page - NEC EP2F Datasheet HTML 7Page - NEC EP2F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
EP2F / EP1F SERIES
NUMBERING SYSTEM
Tr1
Tr2
100 ms min.
It is necessary to take more than 100 msec intervals for on / off timing between driving Tr1 and Tr2. If the interval
is less than 100 msec, an excessive current happen to flow to the relay contacts.
EP2F
–
B
3
L
1
S
T
Wiring
Nil : H Bridge Type
T
: Separate Type
Enclosure
Nil : Unsealed (Standard type)
T : Sealed
Operate Voltage
(at 25˚C)
1 : 6.5 V max.
2 : 7.0 V max.
3 : 7.5 V max.
Contact Material
L, N : Silver oxide complex alloy, type I
G
: Silver oxide complex alloy, type II
Type
EP2F
EP1F
MOTOR
Tr1
Tr2
STOP
off
off
FORWARD
on
off
REVERSE
off
on
TYPICAL APPLICATION (H Bridge Type)
M
Tr1
Tr2
16 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com