Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP2F Datasheet(PDF) 4 Page - NEC

Part # EP2F
Description  HIGH HEAT RESISTIVITY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP2F Datasheet(HTML) 4 Page - NEC

  EP2F Datasheet HTML 1Page - NEC EP2F Datasheet HTML 2Page - NEC EP2F Datasheet HTML 3Page - NEC EP2F Datasheet HTML 4Page - NEC EP2F Datasheet HTML 5Page - NEC EP2F Datasheet HTML 6Page - NEC EP2F Datasheet HTML 7Page - NEC EP2F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
EP2F / EP1F SERIES
SPECIFICATIONS
Items
Contact Form
Contact Material
Contact Resistance
Contact Switching Voltage
Contact Switching Current
Contact Carrying Current
Operate Time
Release Time
Normal Operate Power
Insulation Resistance
Breakdown Voltage
Shock Resistance
Vibration Resistance
Ambient Temperature
Coil Temperature Rise
Life Expectancy
Weight
EP2F
EP1F
1 form C
×2 (H bridg type and separate type)
1 form C
Silver oxide complex alloy
50 m
Ω max. (measured at 7 A) initial
16 Vdc max.
25 A max.
35 A (2 minutes max. 12 Vdc at 25˚C)
40 A (2 minutes max. 12 Vdc at 25˚C)
30 A (2 minutes max. 12 Vdc at 85˚C)
35 A (2 minutes max. 12 Vdc at 85˚C)
25 A (2 minutes max. 12 Vdc at 125˚C)
30 A (2 minutes max. 12 Vdc at 125˚C)
Approx. 5 ms (at 12 Vdc excluding bounce) initial
Approx. 2 ms (at 12 Vdc excluding bounce) initial
0.64 W (at 12 Vdc)
100 M
Ω min. (at 500 Vdc) initial
500 Vdc min. (for 1 minute) initial
98 m / s2 [Approx. 10 G] min. (misoperating)
10 to 300 Hz, 43 m / s2 [Approx. 4.4 G] min. (misoperating)
–40 ˚C to +125 ˚C (–40 ˚F to +257 ˚F)
50 ˚C / W (without contact carrying current)
1
×106 operations
1
×105 operations (at 14 Vdc, Motor Load 25 A / 7 A) at 25 ˚C
1
×105 operations (at 14 Vdc, Motor Load 18 A / 5 A) at 125 ˚C
1
×105 operations (at 14 Vdc, Motor Load 20 A / 3 A) at 25 ˚C
1
×105 operations (at 14 Vdc, Motor Load 12 A / 2 A) at 125 ˚C
Approx. 15 gr
Approx. 8 gr
Mechanical
Electrical
Contact
G
Contact
L or N
COIL RATING
EP2F SERIES
EP1F SERIES
Contact
G
Contact
L or N
Part Number
H Bridge Type
Separate Type
EP2F-B3G1
EP2F-B3G1T
EP2F-B3G2
EP2F-B3G2T
EP2F-B3G3
EP2F-B3G3T
EP2F-B3L1
EP2F-B3L1T
EP2F-B3L2
EP2F-B3L2T
EP2F-B3L3
EP2F-B3L3T
Nominal
Voltage
(Vdc)
12
12
12
12
12
12
Coil
Resistance
(
Ω 10 %)
225
225
225
225
225
225
Must
Operate Voltage
(Vdc max.)
605
7.0
7.5
6.5
7.0
7.5
Must
Release Voltage
(Vdc min.)
0.9
0.9
0.9
0.9
0.9
0.9
Nominal
Operate Power
(W)
0.64
0.64
0.64
0.64
0.64
0.64
Contact
G
Contact
L or N
Part Number
EP1F-B3G1
EP1F-B3G2
EP1F-B3G3
EP1F-B3L1
EP1F-B3L2
EP1F-B3L3
Nominal
Voltage
(Vdc)
12
12
12
12
12
12
Coil
Resistance
(
Ω 10 %)
225
225
225
225
225
225
Must
Operate Voltage
(Vdc max.)
6.5
7.0
7.5
6.5
7.0
7.5
Must
Release Voltage
(Vdc min.)
0.9
0.9
0.9
0.9
0.9
0.9
Nominal
Operate Power
(W)
0.64
0.64
0.64
0.64
0.64
0.64
at 25 ˚C (77 ˚F)
at 25 ˚C (77 ˚F)
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com