Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0741 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9DBU0741
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0741 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9DBU0741 Datasheet HTML 4Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 5Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 6Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 7Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 8Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 9Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 10Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 11Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER WITH ZO=100OHMS
8
MARCH 8, 2017
9DBU0741 DATASHEET
Electrical Characteristics–Output Duty Cycle, Jitter, Skew and PLL Characteristics
Electrical Characteristics–Phase Jitter Parameters
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Duty Cycle Distortion
tDCD
Measured differentially, @100MHz
-1
-0.2
0.5
%
1,3
Skew, Input to Output
tpdBYP
VT = 50%
2400
2862
3700
ps
1
Skew, Output to Output
tsk3
VT = 50%
30
60
ps
1,4
Jitter, Cycle to cycle
tjcyc-cyc
Additive
Jitter
0.1
5
ps
1,2
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform.
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock.
4 All outputs at default slew rate.
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
INDUSTRY
LIMIT
UNITS
Notes
tjphPCIeG1
PCIe Gen 1
0.1
5
N/A
ps (p-p) 1,2,3,5
PCIe Gen 2 Lo Band
10kHz < f < 1.5MHz
0.1
0.4
N/A
ps
(rms)
1,2,3,4,
5
PCIe Gen 2 High Band
1.5MHz < f < Nyquist (50MHz)
0.1
0.7
N/A
ps
(rms)
1,2,3,4
tjphPCIeG3
PCIe Gen 3
(2-4MHz or 2-5MHz, CDR = 10MHz)
0.1
0.3
N/A
ps
(rms)
1,2,3,4
tjphSGMIIM0
125MHz, 1.5MHz to 10MHz, -20dB/decade
rollover < 1.5MHz, -40db/decade rolloff > 10MHz
200
250
N/A
fs
(rms)
1,6
tjphSGMIIM1
125MHz, 12kHz to 20MHz, -20dB/decade rollover
< 1.5MHz, -40db/decade rolloff > 10MHz
313
350
N/A
fs
(rms)
1,6
1Guaranteed by design and characterization, not 100% tested in production.
4 For RMS figures, additive jitter is calculated by solving the following equation: Additive jitter = SQRT[(total jitter)^2 - (input jitter)^2].
5 Driven by 9FGV0831 or equivalent.
6 Rohde & Schwarz SMA100.
2 See http://www.pcisig.com for complete specs.
3 Sample size of at least 100K cycles. This figures extrapolates to 108ps pk-pk @ 1M cycles for a BER of 1-12.
Additive Phase Jitter
tjphPCIeG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com