Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0741 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 9DBU0741
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0741 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 9DBU0741 Datasheet HTML 10Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 11Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 12Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 13Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 14Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 15Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 16Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 17Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER WITH ZO=100OHMS
16
MARCH 8, 2017
9DBU0741 DATASHEET
Ordering Information
“LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
“A” is the device revision designator (will not correlate with the datasheet revision).
Revision History
Part / Order Number
Shipping Packaging
Package
Temperature
9DBU0741AKLF
Trays
40-pin VFQFPN
0 to +70° C
9DBU0741AKLFT
Tape and Reel
40-pin VFQFPN
0 to +70° C
9DBU0741AKILF
Trays
40-pin VFQFPN
-40 to +85° C
9DBU0741AKILFT
Tape and Reel
40-pin VFQFPN
-40 to +85° C
Rev.
Initiator Issue Date Description
Page #
A
RDW
7/15/2014 Final update and release - front page and electrical tables.
Various
B
RDW
9/19/2014
Updated SMBus Input High/Low parameters conditions, MAX values,
and footnotes.
6
C
RDW
4/14/2015
1. Updated pin out and pin descriptions to show ePad on package
connected to ground.
2. Minor updates to front page text for family consistency.
3. Updated Clock Input Parameters table to be consistent with PCIe
Vswing parameter.
1-5
D
RDW
3/8/2017
1. Updated pin 25 from VDDA1.5 to VDDO1.5 to clearly indicate that
this part has no PLL.
2. Removed "Bypass Mode" reference in "Output Duty Cycle..." and
"Phase Jitter Parameters" tables; update note 3 under Output Duty
Cycle table.
3. Changed VDDA to VDDO1.5 in Current Consumption table.
4. Updated Additive Phase Jitter conditions for PCIe Gen3.
2,3,7,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com