Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0741 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9DBU0741
Description  7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBU0741 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9DBU0741 Datasheet HTML 9Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 10Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 11Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 12Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 13Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 14Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 15Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 16Page - Renesas Technology Corp 9DBU0741 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MARCH 8, 2017
13
7-OUTPUT 1.5V PCIE GEN1-2-3 FANOUT BUFFER WITH ZO=100OHMS
9DBU0741 DATASHEET
Marking Diagrams
Notes:
1. “LOT” is the lot sequence number.
2. “COO” denotes country of origin.
3. YYWW is the last two digits of the year and week that the part was assembled.
4. Line 2: truncated part number
5. “L” denotes RoHS compliant package.
6. “I” denotes industrial temperature range device.
Thermal Characteristics
ICS
DBU0741AL
YYWW
COO
LOT
ICS
BU0741AIL
YYWW
COO
LOT
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
42
°C/W
1
θJb
Junction to Base
2.4
°C/W
1
θJA0
Junction to Air, still air
39
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
33
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
28
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
27
°C/W
1
1ePad soldered to board
Thermal Resistance
NDG40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com