Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCU04APWDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVCU04APWDH
Description  Hex inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCU04APWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVCU04APWDH Datasheet HTML 1Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVCU04A
Hex inverter
1998 Jul 29
4
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +6.5
V
IIK
DC input diode current
VI t 0
–50
mA
VI
DC input voltage
Note 2
–0.5 to +6.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VI/O
DC output voltage; output HIGH or LOW
Note 2
–0.5 to VCC +0.5
V
VI/O
DC input voltage; output 3-State
Note 2
–0.5 to 6.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
Power dissipation per package
PTOT
– plastic mini-pack (SO)
above +70
°C derate linearly with 8 mW/K
500
mW
– plastic shrink mini-pack (SSOP and TSSOP)
above +60
°C derate linearly with 5.5 mW/K
500
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VCC = 1.2 V;VOL(max) = 0.5 V; IO = -100 mA
VCC
VCC = 2.0 V; VOL(max) = 0.5 V; IO = -100 mA
1.2
VIH
HIGH level Input voltage
VCC = 2.7 V; VOL(max) = 0.5 V; IO = -100 mA
1.8
V
VCC = 3.0 V; VOL(max) = 0.5 V; IO = -100 mA
2.0
VCC = 3.6 V; VOL(max) = 0.5 V; IO = -100 mA
2.4
VCC = 1.2 V; VOH(min) = VCC – 0.5 V; IO = 100 mA
GND
VCC = 2.0 V; VOH(min) = VCC – 0.5 V; IO = 100 mA
0.6
VIL
LOW level Input voltage
VCC = 2.7 V; VOH(min) = VCC – 0.5 V; IO = 100 mA
0.6
V
VCC = 3.0 V; VOH(min) = VCC – 0.5 V; IO = 100 mA
1.0
VCC = 3.6 V; VOH(min) = VCC – 0.5 V; IO = 100 mA
1.2
VCC = 2.7 V; VCC or GND; IO = -12 mA
VCC*0.5
VO
HIGH level output voltage
VCC = 3.0 V; VCC or GND; IO = -100mA
VCC*0.2
VCC
V
VOH
HIGH level output voltage
VCC = 3.0 V; VCC or GND; IO = -12 mA
VCC*0.6
V
VCC = 3.0 V; VCC or GND; IO = -24 mA
VCC*1.0
VCC = 2.7 V; VCC or GND; IO = 12 mA
0.40
VOL
LOW level output voltage
VCC = 3.0 V; VCC or GND; 12mA; IO = 100µA
0.20
V
VCC = 3.0 V; VCC or GND; IO = 24mA
0.55
I
Input leakage current
VCC =3 6V; 55VorGND; Not for I/O pins
"01
"5
µA
II
Input leakage current
VCC = 3.6 V; 5.5 V or GND; Not for I/O pins
"0.1
"5
µA
ICC
Quiescent supply current
VCC = 3.6 V; VCC or GND; IO = 0
0.1
10
µA
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com