Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCU04APWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVCU04APWDH
Description  Hex inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCU04APWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVCU04APWDH Datasheet HTML 1Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVCU04A
Hex inverter
1998 Jul 29
5
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL/
tPLH
Propagation delay
nA to nY
Figure 1
–
2.7
4.3
–
5.3
–
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORM
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VM
nA INPUT
nY OUTPUT
VM
tPLH
tPHL
GND
VI
VOL
VOH
SV00395
Figure 1. Input (nA) to output (nY) propagation delays.
io ~
A
VCC
Rbias = 560 kW
input
output
100
mF
0.47
mF
Vi ~
(f = 1 kHz)
GND
SV00323
Figure 2. Test set-up for measuring forward transconductance
gfs = dio/dvi at vo is constant (see also graph Figure 3).
SV00410
VCC(V)
01
2
3
4
0
20
10
40
60
80
gfs
(mA/V)
Figure 3. Typical forward transconductance gfs as a function of
the supply voltage VCC at Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com