Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVCU04APWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVCU04APWDH
Description  Hex inverter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCU04APWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVCU04APWDH Datasheet HTML 1Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 2Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 3Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 4Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 5Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 6Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 7Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 8Page - NXP Semiconductors 74LVCU04APWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVCU04A
Hex inverter
2
1998 Jul 29
853–2099 19800
FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• In accordance with JEDEC standard no. 8-1A.
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
DESCRIPTION
The 74LVCU04A is a high-performance, low-power, low-voltage,
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
The 74LVCU04A is a general purpose hex inverter. Each of the six
inverters is a single stage with unbuffered outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA to nY
CL = 50 pF;
VCC = 3.3 V
4.3
ns
CI
Input capacitance
7.8
pF
CPD
Power dissipation capacitance per gate
Notes 1 and 2
16.8
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation(PD in µW)
PD = CPD
VCC2 x fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic SO
–40
°C to +85°C
74LVCU04A D
74LVCU04A D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVCU04A DB
74LVCU04A DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVCU04A PW
74LVCU04APW DH
SOT402-1
PIN CONFIGURATION
1
2
3
4
5
6
7
1A
1Y
2A
2Y
3A
3Y
GND
V
CC
6A
6Y
5A
5Y
4A
4Y
14
13
12
11
10
9
8
SV00396
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 5, 9, 11, 13
1A – 6A
Data inputs
2, 4, 6, 8, 10, 12
1Y – 6Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
12
34
56
98
11
10
13
12
1
1
1
1
1
1
SV00398



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com