Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT85ZB1T Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28W320CT85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT85ZB1T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28W320CT85ZB1T Datasheet HTML 9Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 10Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 11Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 12Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 13Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 14Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 15Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 16Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
13/42
M28W320CT, M28W320CB
The suggested flow charts for programs that use
the programming, erasure and program/erase
suspend/resume features of the memories are
shown from Figures 11, 12, 13, 14 and 15.
Protection Register Program (PRP)
The Protection Register Program uses two write
cycles. The first command written is the protection
program command C0h. The second write opera-
tion latches the Address and the Data to be written
to the Protection Register (see Protection Register
and Security Block) and start the PE/C. Read op-
erations output the Status Register content after
the programming has started. The 64 bits user
programmable Segment (85h to 88h) are pro-
grammed 16 bits at a time, it can be protected by
the user programming bit 1 of the Protection Lock
register. The bit 1 of the Protection Lock register
protect the bit 2 of the Protection Lock Register.
Writing the bit 2 of the Protection Lock Register will
result in a permanent protection of the Security
Block. Attempting to program a previously protect-
ed protection Register will result in a status regis-
ter error (bit 1 and bit 4 of the status register will be
set to ’1’). The protection of the Protection Register
and/or the Security Block is not reversible.
The Protection Register Program cannot be sus-
pended.
Block Protect (BP)
The BP instruction use two write cycles. The first
command written is the protection setup 60h. The
second command is block Protect command 01h.
The address within the block being protected must
be given in order to write the protection state. If the
second command is not recognized by the C.I the
bit 4 and bit 5 of the status register will be set to in-
dicate a wrong sequence of commands. To read
the status register write the RSR command.
Block Unprotect (BU)
The instruction use two write cycles. The first com-
mand written is the protection setup 60h. The sec-
ond command is block Unprotect command d0h.
The address within the block being unprotected
must be given in order to write the unprotection
state. If the second command is not recognized by
the C.I the bit 4 and bit 5 of the status register will
be set to indicate a wrong sequence of com-
mands. To read the status register write the RSR
command.
Block Lock (BL)
The instruction use two write cycles. The first com-
mand written is the protection setup 60h. The sec-
ond command is block Lock command 2Fh. The
address within the block being Locked must be
given in order to write the Locking state. If the sec-
ond command is not recognized by the C.I the bit 4
and bit 5 of the status register will be set to indicate
a wrong sequence of commands. To read the sta-
tus register write the RSR command.
Table 13. Program, Erase Times and Program/Erase Endurance Cycles
(TA = 0 to 70°C or –40 to 85°C; VDD = 2.7V to 3.6V)
Note: TA =25 °C.
Parameter
Test Condition s
M28W320C
Unit
Min
Typ (1)
Max
Word Program
VPP =VDD
10
200
µs
Double Word Program
VPP = 12V ±5%
10
200
µs
Main Block Program
VPP = 12V ±5%
0.16
5
sec
VPP =VDD
0.32
5
sec
Parameter Block Program
VPP = 12V ±5%
0.02
4
sec
VPP =VDD
0.04
4
sec
Main Block Erase
VPP = 12V ±5%
1
10
sec
VPP =VDD
110
sec
Parameter Block Erase
VPP = 12V ±5%
0.8
10
sec
VPP =VDD
0.8
10
sec
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com