Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT85ZB1T Datasheet(PDF) 36 Page - STMicroelectronics

Part # M28W320CT85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT85ZB1T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M28W320CT85ZB1T Datasheet HTML 32Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 33Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 34Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 35Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 36Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 37Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 38Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 39Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
M28W320CT, M28W320CB
36/42
Figure 18. Command Interface and Program Erase Controller Flowchart (c)
Note: 2. P/E. C. status (Ready or Busy) is read on Status Register bit 7.
READ
STATUS
YES
NO
70h
B
PROGRAM
YES
READY
(2)
NO
C
B0h
NO
READ
STATUS
YES
READY
(2)
NO
PROGRAM
SUSPEND
YES
D0h
READ
ARRAY
YES
PROGRAM
SUSPENDED
READ
STATUS
(READ STATUS)
YES
NO
(READ STATUS)
NO
PROGRAM
RESUME
90h
NO
READ
SIGNATURE
YES
98h
NO
CFI
QUERY
YES
AI03545



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com