Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320CT85ZB1T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W320CT85ZB1T
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320CT85ZB1T Datasheet(HTML) 1 Page - STMicroelectronics

  M28W320CT85ZB1T Datasheet HTML 1Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 2Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 3Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 4Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 5Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 6Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 7Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 8Page - STMicroelectronics M28W320CT85ZB1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/42
PRELIMINARY DATA
May 2000
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M28W320CT
M28W320CB
32 Mbit (2Mb x16, Boot Block) Low Voltage Flash Memory
s
SUPPLY VOLTAGE
–VDD = 2.7V to 3.6V: for Program, Erase and
Read
–VDDQ = 1.65V or 2.7V: Input/Output option
–VPP = 12V: optional Supply Voltage for fast
Program
s
ACCESS TIME
– 2.7V to 3.6V: 90ns
– 2.7V to 3.6V: 100ns
s
PROGRAMMING TIME:
–10
µs typical
– Double Word Programming Option
s
PROGRAM/ERASE CONTROLLER (P/E.C.)
s
COMMON FLASH INTERFACE
s
MEMORY BLOCKS
– Parameter Blocks (Top or Bottom location)
– Main Blocks
s
BLOCK PROTECTION UNPROTECTION
– All Blocks protected at Power Up
– Any combination of blocks can be protected
– WP for block locking
s
SECURITY
– 64-bit user Programmable OTP cells
– 64-bit unique device identifier
– One Parameter Block Permanently Lockable
s
AUTOMATIC STAND-BY MODE
s
PROGRAM and ERASE SUSPEND
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
20 YEARS of DATA RETENTION
– Defectivity below 1ppm/year
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code, M28W320CT: 88BAh
– Bottom Device Code, M28W320CB: 88BBh
Figure 1. Logic Diagram
AI03521
21
A0-A20
W
DQ0-DQ15
VDD
M28W320CT
M28W320CB
E
VSS
16
G
RP
WP
VDDQ VPP
TSOP48 (N)
12 x 20mm
µBGA47 (GB)
8 x 6 solder balls
µBGA


Similar Part No. - M28W320CT85ZB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W320BB STMICROELECTRONICS-M28W320BB Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
M28W320EB-ZB STMICROELECTRONICS-M28W320EB-ZB Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320EB-ZBT STMICROELECTRONICS-M28W320EB-ZBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320EBB STMICROELECTRONICS-M28W320EBB Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
More results

Similar Description - M28W320CT85ZB1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
13-Jun-2006
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
29-Apr-2003
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
14-Mar-2005
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-Oct-2006
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com