Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33813 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 82P33813
Description  Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33813 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 82P33813 Datasheet HTML 35Page - Renesas Technology Corp 82P33813 Datasheet HTML 36Page - Renesas Technology Corp 82P33813 Datasheet HTML 37Page - Renesas Technology Corp 82P33813 Datasheet HTML 38Page - Renesas Technology Corp 82P33813 Datasheet HTML 39Page - Renesas Technology Corp 82P33813 Datasheet HTML 40Page - Renesas Technology Corp 82P33813 Datasheet HTML 41Page - Renesas Technology Corp 82P33813 Datasheet HTML 42Page - Renesas Technology Corp 82P33813 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
39
©2017 Integrated Device Technology, Inc.
September 5, 2017
82P33813 Datasheet
to 1, so the FRSYNC and MFRSYNC will be aligned to the first clock
input edge following the SYNC/frame signal input.
By default, the falling edge of the frame/sync input signal is aligned
with the rising edge of the DPLL1/2 selected input clock. The rising edge
of frame/sync input signal can be set to be aligned with the rising edge
of the DPLL1/2 selected input clock by setting sync_edge bit to “1” in
DPLL1/2_sync_edge_cnfg register.
The EX_SYNC_ALARM_MON bit indicates whether frame/sync
input signal is in external sync alarm status. The external sync alarm is
indicated by the EX_SYNC_ALARM bit. If the EX_SYNC_ALARM bit is
‘1’, the occurrence of the external sync alarm will trigger an interrupt.
The 8 kHz frame pulse, the 2 kHz frame pulse, and the 1PPS sync
signal can be inverted by setting the 8K_1PPS_INV and 2K_1PPS_INV
bits of Frame Sync and Multiframe Sync Output Configuration Register.
The 8 kHz and the 2 kHz frame sync outputs can be 50:50 duty cycle
or pulsed, as determined by the 8K_PUL and 2K_PUL bits respectively.
When they are pulsed, the pulse width derived from DPLL1 is defined by
the period of OUT1, and the pulse width derived from DPLL2 is defined
by the period of OUT5. They are pulsed on the position of the falling or
rising edge of the standard 50:50 duty cycle, as selected by the
2K_8K_PUL_POSITION bit of Frame Sync and Multiframe Sync Output
Configuration Register.
3.3.7
INPUT AND OUTPUT PHASE CONTROL
The device has several features to allow a tight control of the phase
on the input and output clocks.
3.3.7.1
DPLL1 and DPLL2 Phase offset control
The phase offset of the DPLL1/2 selected input clock with respect to
the DPLL1/2 output can be adjusted. If the device is configured as the
active PLL in a redundancy system, then the PH_OFFSET_EN bit deter-
mines whether the input-to-output phase offset is enabled. If the device
is configured as the inactive PLL in a redundancy system, then the
input-to-output phase offset is always enabled. If enabled, the input-to-
output phase offset can be adjusted by setting the PH_OFF-
SET_CNFG[28:0] bits in DPLL1/2 phase offset configuration register.
The register value is a 2's complement phase offset with a resolution of
0.0745ps and a total range of [20us, - 20us].
The input-to-output phase offset can be calculated as follows:
Phase Offset (ps) = PH_OFFSET[28:0] X 0.0745
3.3.7.2
Input Phase control
All the inputs phase can be controlled individually. They can be pro-
grammed with a resolution of 0.61 ns and a range of [77.5 ns,-78.1ns] by
setting INn_PHASE_OFFSET_CNFG[7:0] bits (1 < n < 6) in the input
phase offset configuration register. The register value is a 2's comple-
ment phase offset, the default is zero. The programmed offset is auto-
matically applied to the DPLL1 and DPLL2 when a particular input is
selected. If the manual DPLL1 and DPLL2 phase offset control is used
then the per-input phase offset is not applied.
3.3.7.3
Output Phase control
The output phase can be controlled individually for outputs OUT1 to
OUT5. There is the coarse phase control that allows the output phase to
be adjusted as low as 1.6ns. There is a fine phase adjustment that
allows the output phase to be adjusted as low as 187.27 ps. The total
range is +/-180o.
There are two registers associated with the coarse phase adjust-
ment, the OUTn_PH1_CNFG (1 < n < 5) and the OUTn_PH2_CNFG (1
< n < 5) registers. The OUTn_PH1_CNFG register is associated with
output divider 1 as shown in Figure 22 and Figure 23, the phase can be
adjusted by a step size that is equal to the period of the input of clock of
the output Div1, the number set in the OUTn_PH1_CNFG register
should not be larger than the number set in OUTn_DIV1_CNFG register.
The OUTn_PH2_CNFG register is associated with output divider 2 as
shown in Figure 22 and Figure 23, the phase can be adjusted by a step
size that is equal to the period of the input of clock of the output Div2, the
number set in the OUTn_PH2_CNFG register should not be larger than
the number set in OUTn_DIV2_CNFG register.
There is a register that is associated with the fine phase adjustment,
the OUTn_FINE_CNFG (1 < n < 4). For the fine phase adjustment, the
output clocks must be output from the APLL, The phase can be adjusted
by a step size that is equal to the 1/2 of the period of the VCO. For
Ethernet clocks the VCO frequency is 2.5GHz, for Ethernet LAN PHY
the VCO frequency is 2.578125 GHz, and for SONET/SDH clocks the
VCO frequency is 2.48832 GHz. OUT1 can be output from the DPLLs,
and in that case the fine phase adjustment is not available, it is only
available if the clocks are output from the APLL.
The output phase adjustments are not available for OUT6 and OUT7.
3.3.8
TIME OF DAY COUNTER
The device has 2 time accumulators that keeps track of the local
Time of Day (ToD). The time accumulators are associated with DPLL1
and DPLL2. The time accumulator runs on the 77.76 MHz clock that is
generated by the DCO1/2. By using the DCO clock, the Time of Day
tracks the input clock or packet stream that the DPLL is locked to and is
also synchronized to the output clocks and the output 1 PPS signal gen-
erated from the same DPLL.
In order to synchronize the device Time of Day with the Time of Day
in the IEEE 1588 server, the device has several triggers available.
These can be used to select on which trigger the time accumulator can
be synchronized to a pre-programmed value. An internal timer allows to
update and sample the Time of Day at fixed intervals timed on the local
oscillator.
The time accumulator records the Time of Day in PTP format: 48-bit
seconds, and 32-bit ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com