Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33813 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 82P33813
Description  Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33813 Datasheet(HTML) 2 Page - Renesas Technology Corp

  82P33813 Datasheet HTML 1Page - Renesas Technology Corp 82P33813 Datasheet HTML 2Page - Renesas Technology Corp 82P33813 Datasheet HTML 3Page - Renesas Technology Corp 82P33813 Datasheet HTML 4Page - Renesas Technology Corp 82P33813 Datasheet HTML 5Page - Renesas Technology Corp 82P33813 Datasheet HTML 6Page - Renesas Technology Corp 82P33813 Datasheet HTML 7Page - Renesas Technology Corp 82P33813 Datasheet HTML 8Page - Renesas Technology Corp 82P33813 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
2
©2017 Integrated Device Technology, Inc.
September 5, 2017
82P33813 Datasheet
DESCRIPTION
The 82P33813 Synchronization Management Unit (SMU) provides tools to manage timing references, clock sources and timing paths for IEEE
1588 / Precision Time Protocol (PTP) and Synchronous Ethernet (SyncE) based clocks. The device supports up to three independent timing paths
that control: PTP clock synthesis; SyncE clock generation; and general purpose frequency translation. The device supports physical layer timing with
Digital PLLs (DPLLs) and it supports packet based timing with Digitally Controlled Oscillators (DCOs). Input-to- input, input-to-output and output-to-
output phase skew can all be precisely managed. The device outputs low-jitter clocks that can directly synchronize lower-rate Ethernet interfaces; as
well as CPRI/OBSAI, SONET/SDH and PDH interfaces and IEEE 1588 Time Stamp Units (TSUs).
The 82P33813 accepts four differential reference inputs and two single ended reference inputs that can operate at common GNSS, Ethernet,
SONET/SDH and PDH frequencies that range in frequency from 1 Pulse Per Second (PPS) to 650 MHz. The references are continually monitored for
loss of signal and for frequency offset per user programmed thresholds. All of the references are available to all three DPLLs. The active reference for
each DPLL is determined by forced selection or by automatic selection based on user programmed priorities and locking allowances and based on
the reference monitors and LOS inputs.
The 82P33813 can accept a clock reference and an associated phase locked sync signal as a pair. DPLL1 or DPLL2 can lock to the clock refer-
ence and align the frame sync and multi-frame sync outputs with the paired sync input. The device allows any of the differential or single ended refer-
ence inputs to be configured as sync inputs that can be associated with any of the other differential or single ended reference inputs. The input sync
signals can have a frequency of 1 PPS, 2 kHz, 4 kHz or 8 kHz. This feature enables DPLL1 or DPLL2 to phase align its frame sync and multi-frame
sync outputs with a sync input without the need use a low bandwidth setting to lock directly to the sync input.
DPLL1 and DPLL2 support four primary operating modes: Free-Run, Locked, Holdover and DCO. In Free-Run mode the DPLLs synthesize clocks
based on the system clock alone. In Locked mode the DPLLs filter reference clock jitter with the selected bandwidth. In Locked mode, the long-term
output frequency accuracy is the same as the long term frequency accuracy of the selected input reference. In Holdover mode, the DPLL uses fre-
quency data acquired while in Locked mode to generate accurate frequencies when input references are not available. In DCO mode the DPLL con-
trol loop is opened and the DCO can be controlled by a PTP clock recovery servo running on an external processor to synthesize PTP clocks.
The 82P33813 requires a system clock for its reference monitors and other digital circuitry. The frequency accuracy of the system clock deter-
mines the frequency accuracy of the DPLLs in Free-Run mode. The frequency stability of the system clock determines the frequency stability of the
DPLLs in Free-Run mode and in Holdover mode; and it affects the wander generation of the DPLLs in Locked and DCO modes.
When used with a suitable system clock, DPLL1 and DPLL2 meet the frequency accuracy, pull-in, hold-in, pull-out, noise generation, noise toler-
ance, transient response, and holdover performance requirements of the following applications: ITU-T G.8262/G.813 EEC/SEC options 1 and 2, ITU-
T G.8263, ITU-T G.8273.2, Telcordia GR-1244 Stratum 3 (S3), Telcordia GR-253-CORE Stratum 3 (S3) and SONET Minimum Clock (SMC).
DPLL1 and DPLL2 can be configured with a range of selectable filtering bandwidths from 0.09 mHz to 567 Hz. The 17 mHz bandwidth can be
used to lock the DPLL directly to a 1 PPS reference. The 69 mHz and the 92 mHz bandwidths can be used for G.8273.2. The 92 mHz bandwidth can
be used for G.8262/G.813 Option 2 or Telcordia GR-253-CORE S3 or SMC applications. The bandwidths in the range 1.1 Hz to 8.9 Hz can be used
for G.8262/G.813 Option 1 applications. Bandwidths above 10 Hz can be used in jitter attenuation and rate conversion applications.
DPLL1 and DPLL2 are each connected to Time of Day (ToD) counters or time accumulators; these ToD counters/time accumulators can be used
to track differences between the two time domains and to time-stamp external events by using reference inputs as triggers.
DPLL3 supports three primary operation modes: Free-Run, Locked and Holdover. DPLL3 is a wideband (BW > 25Hz) frequency translator that can
be used, for example, to convert a recovered line clock to a 1.544 MHz or 2.048 MHz synchronization interface clock.
In Telecom Boundary Clock (T-BC) and Telecom Time Slave Clock (T-TSC) applications per ITU-T G.8275.2, DPLL1 and DPLL2 are both used;
one DPLL is configured as a DCO to synthesize PTP clocks and the other DPLL is configured as an EEC/SEC to generate physical layer clocks.
Combo mode provides physical layer frequency support from the EEC/SEC to the PTP clock.
In Synchronous Equipment Timing Source (SETS) applications per ITU-T G.8264, DPLL1 or DPLL2 can be configured as an EEC/SEC to output
clocks for the T0 reference point and DPLL3 can be used to output clocks for the T4 reference point.
Clocks generated by DPLL1 or DPLL2 can be passed through the APLL which are LC based jitter attenuating Analog PLL (APLL). The output
clocks generated by the APLL are suitable for serial GbE and lower rate interfaces.
All 82P33813 control and status registers are accessed through an I2C slave, SPI or the UART microprocessor interface. For configuring the
DPLLs and APLL, the I2C master interface can automatically load a configuration from an external EEPROM after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com