Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33813 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82P33813
Description  Synchronization Management Unit for IEEE 1588 and synchronous Ethernet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33813 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82P33813 Datasheet HTML 9Page - Renesas Technology Corp 82P33813 Datasheet HTML 10Page - Renesas Technology Corp 82P33813 Datasheet HTML 11Page - Renesas Technology Corp 82P33813 Datasheet HTML 12Page - Renesas Technology Corp 82P33813 Datasheet HTML 13Page - Renesas Technology Corp 82P33813 Datasheet HTML 14Page - Renesas Technology Corp 82P33813 Datasheet HTML 15Page - Renesas Technology Corp 82P33813 Datasheet HTML 16Page - Renesas Technology Corp 82P33813 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
13
©2017 Integrated Device Technology, Inc.
September 5, 2017
82P33813 Datasheet
Figure 4. Single Blade Architecture
3.1.2
DISTRIBUTED ARCHITECTURE FOR T-BC AND T-
TSC, IEEE 1588 IN THE TIMING CARD
Figure 5 shows a distributed architecture that can represent a Tele-
com Boundary clock (T-BC) or telecom time slave clocks (T-TSC) imple-
mentation where the IEEE 1588 is handled in the timing card. In this
architecture IEEE 1588 protocol is terminated in the timing card. The
local host processor will run the clock recovery algorithm (servo) and run
the alternate Best Master Clock Algorithm (BMCA) according to ITU-T
G.8275.1. The alternate BMCA determines which Telecom Grand Mas-
ter (T-GM) to be used as the source of time. In Figure 5, one of the
packet data port will be a slave port and the others will be master ports
of the T-BC. The first revision of G.8275.1 assumes that the frequency is
transported by synchronous Ethernet (SyncE) and the phase is con-
trolled by IEEE 1588. G.8271.1 shows a model for Telecom Boundary
Clock (T-BC) with SyncE assistance. 82P33813 has a combo mode that
allows the implementation of the T-BC and T-TSC with SyncE assis-
tance. It is very important to control the IEEE 1588 clocks independently
of the SyncE clocks. It maybe also important to be able to suppress
phase transients on the SyncE clocks to not affect the IEEE 1588 clocks.
See Chapter 3.3.2.3 for mode details on the combo mode.
ITU-T G.8273.2 has two classes of T-BC and T-TSC clocks. Class A
must meet 50ns of phase alignment inside an equipment. Class B must
meet 20ns of phase alignment inside an equipment, this will allow an
Operator to deploy longer chains of T-BCs. To be able to meet such tight
requirements, it is very important to control the delays between the tim-
ing card and the line cards. 82P33813 has individual phase adjustments
to allow very fine control of the phase of the clocks inside the equipment.
See Chapter 3.3.7.1, Chapter 3.3.7.2, and Chapter 3.3.7.3 for details on
the phase adjustment control modes.
The architecture depicted in Figure 5 can also be used for a phase
and time application using G.8275.2 and frequency application using
G.8265.1 (see Chapter 3.1.4.1). The key difference in this case is that
the T-BC, T-TSC or a packet slave clock will experience Packet Delay
Variation (PDV) due to the network that does not have IEEE 1588 full
timing support (T-BC is not deployed in every node of the network). An
algorithm to filter PDV must be implemented in this case.
Also for the architecture shown in Figure 5, there is an active timing
card and a redundant timing card. This is done in equipment that are
designed to have a redundant timing card in case of failure of the pri-
mary timing card. The redundant timing card mimics the output of the
active timing card, so in case of failure the system will still provide proper
synchronization.
Single
Blade
CDR
1588 Time
Stamp
PHY
1588 DCO
TSCK
Host Processor
(Transport layer Protocol,
IEEE 1588 protocol and
Servo)
SyncE-RxCK
SyncE-TxCK
Time stamps
Ethernet
TCXO/OCXO
1PPS
BITS/SSU
SyncE (T0)
T4
1PPS
LOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com