Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND8094 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8094
Description  Three New Tiny Switches Facilitate Video Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8094 Datasheet(HTML) 1 Page - ON Semiconductor

  AND8094 Datasheet HTML 1Page - ON Semiconductor AND8094 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Semiconductor Components Industries, LLC, 2003
April, 2003 - Rev. 1
1
Publication Order Number:
AND8094/D
AND8094/D
Three New Tiny Switches
Facilitate Video Switching
Prepared by: Fred Zlotnick
ON Semiconductor
ON Semiconductor has just introduced four switches to
facilitate many switching functions including composite
video switching. One of the issues with today’s consumer
products is they are getting so small, there is no room for
traditional switches or extra sets of jacks needed for various
functions. One solution is to permit one set of jacks to
perform two functions, an input and an output. In this
example, we show a Digital Video Camera with analog
input/output requirements. Many consumers require the
ability to transfer their old analog tapes to digital format,
but this requires analog inputs on the camera. The size of
today’s camera is so small that providing both input jacks
and output jacks, requires too much space. One solution is
to have an A/V jack which functions as either input or
output. The onboard MCU can instruct the switch to be
either an input or output.
Any one of the four switches may be used for this
application, and they are the NLAS4599, the NLAST4599,
the NLASB3157, and the NLAS1053. The first two devices
are essentially the same, however the “T” version permits
interface to “TTL” level signals, without any additional
components. The third device is the same function as the
first two, with a slightly different pin arrangement to meet
certain customer requirements. The first two devices are
available in SOT-23 size 6-pin packages, while all three
are available in the tiny SC70 footprint, only 2
× 2 mm.
The circuitry couldn’t be simpler. These switches are all
Single Pole Double Throw (SPDT). Essentially the
common side of the part is connected to the jack center pin,
while the signal pins are connected to either the input or the
output of the camera. The resistance of the switch is low
enough not to cause much insertion loss or distortion to the
waveform. Although this application shows switching a
composite video signal, the same switch can switch the
higher bandwidth component video signals or digital signals
beyond 50 MHz as well. It is assumed that the internal
video amplifiers have their own 75
Ω matching resistors
appropriately placed. The output Video amplifier needs to
have a series 75
Ω resistor and its dc level is ≅ 2.5 V. The
input is assumed to be 75
Ω with a dc path to ground. Since
these switches are single supply, the signals passing
through them need to be between 0 and 5 Volts with white
level near mid-voltage. The dc blocking capacitor keeps
undesired dc off the input or output.
Figure 2 shows the use of these parts as described. Select
pin is connected to an MCU, the inputs and output are
connected to pins 4, 6 (4599) or 1, 3 (3157) and the jack is
either connected to 5 (4599) or 3 (4599). Vcc is assumed to
be +5 V. If a low voltage MCU is used as a controller, the
NLAST4599 can be directly interfaced to it, as long as the
supply voltage is greater than 2.3 V.
Select
B1
GND
A
B0
2
3
6
4
VCC
5
1
0
1NO
Select
COM
NC
GND
V+ 2
3
6
4
5
1
Figure 1.
NLASB3157
NLAS4599 or NLAST4599
Figure 2.
Input
Out
I/O Jack
RG-59 Cable
NLASB3157
NLAST4599
NLAS4599
NLAS1053
APPLICATION NOTE
http://onsemi.com


Similar Part No. - AND8094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8090 ONSEMI-AND8090 Datasheet
896Kb / 20P
AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
AND8090D ONSEMI-AND8090D Datasheet
896Kb / 20P
AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
AND8090D ONSEMI-AND8090D Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AND8098 ONSEMI-AND8098 Datasheet
93Kb / 10P
Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
June, 2003 - Rev. 1
AND8099 ONSEMI-AND8099 Datasheet
215Kb / 8P
5.0 V, 2.0 A Flyback Converter
February, 2003 - Rev. 2
More results

Similar Description - AND8094

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
Tiny Pushbutton Switches
TS01ABE ITT-TS01ABE Datasheet
248Kb / 3P
Tiny Slide Switches
logo
C&K Components
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
Tiny Pushbutton Switches
TS01ABE CK-COMPONENTS-TS01ABE Datasheet
224Kb / 3P
Tiny Slide Switches
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
Sealed Tiny Pushbutton Switches
TP21SH8CQE CK-COMPONENTS-TP21SH8CQE Datasheet
429Kb / 6P
Tiny Pushbutton Switches
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
3U CK-COMPONENTS-3U Datasheet
135Kb / 5P
Tiny Pushwheel Switches
2008
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
5 Aug 20
TS CK-COMPONENTS-TS Datasheet
304Kb / 3P
Tiny Slide Switches
27 Jul 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com