Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2814XCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADN2814XCPZ
Description  Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2814XCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADN2814XCPZ Datasheet HTML 8Page - Analog Devices ADN2814XCPZ Datasheet HTML 9Page - Analog Devices ADN2814XCPZ Datasheet HTML 10Page - Analog Devices ADN2814XCPZ Datasheet HTML 11Page - Analog Devices ADN2814XCPZ Datasheet HTML 12Page - Analog Devices ADN2814XCPZ Datasheet HTML 13Page - Analog Devices ADN2814XCPZ Datasheet HTML 14Page - Analog Devices ADN2814XCPZ Datasheet HTML 15Page - Analog Devices ADN2814XCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADN2814
Preliminary Technical Data
Rev. PrA | Page 12 of 28
TERMINOLOGY
Input Sensitivity and Input Overdrive
Sensitivity and overdrive specifications for the quantizer involve
offset voltage, gain, and noise. The relationship between the
logic output of the quantizer and the analog voltage input is
shown in Figure 11. For sufficiently large positive input voltage,
the output is always Logic 1 and, similarly for negative inputs,
the output is always Logic 0. However, the transitions between
output Logic Levels 1 and 0 are not at precisely defined input
voltage levels, but occur over a range of input voltages. Within
this range of input voltages, the output might be either 1 or 0, or
it might even fail to attain a valid logic state. The width of this
zone is determined by the input voltage noise of the quantizer.
The center of the zone is the quantizer input offset voltage.
Input overdrive is the magnitude of signal required to guarantee
the correct logic level with 1 × 10−10 confidence level.
NOISE
OUTPUT
INPUT (V p-p)
OFFSET
OVERDRIVE
SENSITIVITY
(2
× OVERDRIVE)
1
0
Figure 11. Input Sensitivity and Input Overdrive
Single-Ended vs. Differential
AC coupling is typically used to drive the inputs to the
quantizer. The inputs are internally dc biased to a common-
mode potential of ~2.5 V. Driving the ADN2814 single-ended
and observing the quantizer input with an oscilloscope probe at
the point indicated in Figure 12 shows a binary signal with an
average value equal to the common-mode potential and
instantaneous values both above and below the average value. It
is convenient to measure the peak-to-peak amplitude of this
signal and call the minimum required value the quantizer
sensitivity. Referring to Figure 12, because both positive and
negative offsets need to be accommodated, the sensitivity is
twice the overdrive. The ADN2814 quantizer typically has
6 mV p-p sensitivity.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
ADN2814
QUANTIZER
+
–
10mV p-p
VREF
Figure 12. Single-Ended Sensitivity Measurement
Driving the ADN2814 differentially (see Figure 13), sensitivity
seems to improve from observing the quantizer input with an
oscilloscope probe. This is an illusion caused by the use of a
single-ended probe. A 5 mV p-p signal appears to drive the
ADN2814 quantizer. However, the single-ended probe
measures only half the signal. The true quantizer input signal is
twice this value, because the other quantizer input is a comple-
mentary signal to the signal being observed.
SCOPE
PROBE
PIN
50
Ω
3k
Ω
2.5V
50
Ω
VREF
QUANTIZER
+
–
NIN
5mV p-p
VREF
5mV p-p
VREF
Figure 13. Differential Sensitivity Measurement
LOS Response Time
LOS response time is the delay between removal of the input
signal and indication of loss of signal (LOS) at the LOS output,
Pin 22. When the inputs are dc-coupled, the LOS assert time of
the AD2814 is 500 ns typically and the de-assert time is 400 ns
typically,. In practice, the time constant produced by the ac
coupling at the quantizer input and the 50 Ω on-chip input
termination determines the LOS response time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com