Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2814XCPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADN2814XCPZ
Description  Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2814XCPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADN2814XCPZ Datasheet HTML 14Page - Analog Devices ADN2814XCPZ Datasheet HTML 15Page - Analog Devices ADN2814XCPZ Datasheet HTML 16Page - Analog Devices ADN2814XCPZ Datasheet HTML 17Page - Analog Devices ADN2814XCPZ Datasheet HTML 18Page - Analog Devices ADN2814XCPZ Datasheet HTML 19Page - Analog Devices ADN2814XCPZ Datasheet HTML 20Page - Analog Devices ADN2814XCPZ Datasheet HTML 21Page - Analog Devices ADN2814XCPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADN2814
Preliminary Technical Data
Rev. PrA | Page 18 of 28
I2C INTERFACE
The ADN2814 supports a 2-wire, I2C compatible, serial bus
driving multiple peripherals. Two inputs, serial data (SDA) and
serial clock (SCK), carry information between any devices
connected to the bus. Each slave device is recognized by a
unique address. The ADN2814 has two possible 7-bit slave
addresses for both read and write operations. The MSB of the
7-bit slave address is factory programmed to 1. B5 of the slave
address is set by Pin 19, SADDR5. Slave address bits [4:0] are
defaulted to all 0s. The slave address consists of the 7 MSBs of
an 8-bit word. The LSB of the word sets either a read or write
operation (see Figure 6). Logic 1 corresponds to a read
operation, while Logic 0 corresponds to a write operation.
To control the device on the bus, the following protocol must be
followed. First, the master initiates a data transfer by establish-
ing a start condition, defined by a high to low transition on
SDA while SCK remains high. This indicates that an
address/data stream follows. All peripherals respond to the start
condition and shift the next eight bits (the 7-bit address and the
R/W bit). The bits are transferred from MSB to LSB. The
peripheral that recognizes the transmitted address responds by
pulling the data line low during the ninth clock pulse. This is
known as an acknowledge bit. All other devices withdraw from
the bus at this point and maintain an idle condition. The idle
condition is where the device monitors the SDA and SCK lines
waiting for the start condition and correct transmitted address.
The R/W bit determines the direction of the data. Logic 0 on
the LSB of the first byte means that the master writes
information to the peripheral. Logic 1 on the LSB of the first
byte means that the master reads information from the
peripheral.
The ADN2814 acts as a standard slave device on the bus. The
data on the SDA pin is 8 bits long supporting the 7-bit addresses
plus the R/W bit. The ADN2814 has 8 subaddresses to enable
the user-accessible internal registers (see Table 1 through
Table 7). It, therefore, interprets the first byte as the device
address and the second byte as the starting subaddress.
Autoincrement mode is supported, allowing data to be read
from or written to the starting subaddress and each subsequent
address without manually addressing the subsequent
subaddress. A data transfer is always terminated by a stop
condition. The user can also access any unique subaddress
register on a one-by-one basis without updating all registers.
Stop and start conditions can be detected at any stage of the
data transfer. If these conditions are asserted out of sequence
with normal read and write operations, then they cause an
immediate jump to the idle condition. During a given SCK high
period, the user should issue one start condition, one stop
condition, or a single stop condition followed by a single start
condition. If an invalid subaddress is issued by the user, the
ADN2814 does not issue an acknowledge and returns to the idle
condition. If the user exceeds the highest subaddress while
reading back in autoincrement mode, then the highest subad-
dress register contents continue to be output until the master
device issues a no-acknowledge. This indicates the end of a
read. In a no-acknowledge condition, the SDATA line is not
pulled low on the ninth pulse. See Figure 7 and Figure 8 for
sample read and write data transfers and Figure 9 for a more
detailed timing diagram.
REFERENCE CLOCK (OPTIONAL)
A reference clock is not required to perform clock and data
recovery with the ADN2814. However, support for an optional
reference clock is provided. The reference clock can be driven
differentially or single-ended. If the reference clock is not being
used, then REFCLKP should be tied to VCC, and REFCLKN
can be left floating or tied to VEE (the inputs are internally
terminated to VCC/2). See Figure 20 through Figure 22 for
sample configurations.
The REFCLK input buffer accepts any differential signal with a
peak-to-peak differential amplitude of greater than 100 mV (for
example, LVPECL or LVDS) or a standard single-ended low
voltage TTL input, providing maximum system flexibility.
Phase noise and duty cycle of the reference clock are not critical
and 100 ppm accuracy is sufficient.
100k
Ω
VCC/2
100k
Ω
ADN2814
REFCLKP
10
11
REFCLKN
BUFFER
Figure 20. Differential REFCLK Configuration
100k
Ω
VCC/2
100k
Ω
ADN2814
REFCLKP
OUT
REFCLKN
BUFFER
VCC
CLK
OSC
Figure 21. Single-Ended REFCLK Configuration
100k
Ω
VCC/2
100k
Ω
ADN2814
REFCLKP
10
11
NC
REFCLKN
BUFFER
VCC
Figure 22. No REFCLK Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com