Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2814XCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADN2814XCPZ
Description  Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2814XCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADN2814XCPZ Datasheet HTML 16Page - Analog Devices ADN2814XCPZ Datasheet HTML 17Page - Analog Devices ADN2814XCPZ Datasheet HTML 18Page - Analog Devices ADN2814XCPZ Datasheet HTML 19Page - Analog Devices ADN2814XCPZ Datasheet HTML 20Page - Analog Devices ADN2814XCPZ Datasheet HTML 21Page - Analog Devices ADN2814XCPZ Datasheet HTML 22Page - Analog Devices ADN2814XCPZ Datasheet HTML 23Page - Analog Devices ADN2814XCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADN2814
Preliminary Technical Data
Rev. PrA | Page 20 of 28
Use the following equation to determine the data rate:
[]
()
)
_
14
(
2
/
0
..
22
RATE
SEL
REFCLK
DATARATE
f
FREQ
f
+
×
=
where:
FREQ[22:0] is the reading from FREQ2[6:0] (MSByte),
FREQ1[7:0], and FREQ0[7:0] (LSByte).
Table 12.
D22
D21...D17
D16
D15
D14...D9
D8
D7
D6...D1
D0
FREQ2[6:0]
FREQ1[7:0]
FREQ0[7:0]
fDATARATE is the data rate (Mb/s).
fREFCLK is the REFCLK frequency (MHz).
SEL_RATE is the setting from CTRLA[7:6].
For example, if the reference clock frequency is 32 MHz,
SEL_RATE = 1, since the CTRLA[7:6] setting would be [01],
because the reference frequency would fall into the 25 MHz to
50 MHz range. Assume for this example that the input data rate
is 622.08 Mb/s (OC12). After following Steps 1 through 4, the
value that is read back on FREQ[22:0] = 0x9B851, which is
equal to 637 x 103. Plugging this value into the equation yields
()
(
)
b/s
08
.
622
2
/
6
e
32
37e3
6
)
1
14
(
M
=
×
+
If subsequent frequency measurements are required, CTRLA[1]
should remain set to 1. It does not need to be reset. The
measurement process is reset by writing a 1 followed by a 0 to
CTRLB[3]. This initiates a new data rate measurement. Follow
Steps 2 through 4 to read back the new data rate.
Note: A data rate readback is valid only if LOL is low. If LOL is
high, the data rate readback is invalid.
Additional Features Available via the I2C Interface
Coarse Data Rate Readback
The data rate can be read back over the I2C interface to
approximately +10% without the need of an external reference
clock. A 9-bit register, COARSE_RD[8:0], can be read back
when LOL is de-asserted. The 8 MSBs of this register are the
contents of the RATE[7:0] register. The LSB of the
COARSE_RD register is Bit MISC[0].
Table 13 provides coarse data rate readback to within ±10%.
LOS Configuration
The LOS detector output, LOS Pin 22, can be configured to be
either active high or active low. If CTRLC[2] is set to Logic 0
(default), the LOS pin is active high when a loss of signal
condition is detected. Writing a 1 to CTRLC[2] configures the
LOS pin to be active low when a loss of signal condition is
detected.
System Reset
A frequency acquisition can be initiated by writing a 1 followed
by a 0 to the I2C Register Bit CTRLB[5]. This initiates a new
frequency acquisition while keeping the ADN2814 in the
operating mode that it was previously programmed to in
registers CTRL[A], CTRL[B], and CTRL[C].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com