Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU/2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF2119RU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119RU/2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF2119RU/2 Datasheet HTML 35Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 36Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 37Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 38Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 39Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 40Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 41Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 42Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
2003 Jan 30
39
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
13 DC CHARACTERISTICS
VDD1 = 1.5 to 5.5 V; VDD2 =VDD3 = 2.2 to 4.0 V; VSS =0V; VLCD = 2.2 to 6.5 V; Tamb = −40 to +85 °C; unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD1
logic supply voltage
1.5
−
5.5
V
VDD2,
VDD3
high voltage generator supply
voltage
internal VLCD generation
(VDD2 =VDD3 <VLCD)
2.2
−
4.0
V
VLCD
LCD supply voltage
2.2
−
6.5
V
GROUND SUPPLY CURRENT (ISS); EXTERNAL VLCD; note 1
ISS1
ground supply current 1
−
70
120
µA
ISS3
ground supply current 3
VDD =3V; VLCD =5V;
note 2
−
35
80
µA
ISS4
ground supply current 4
icon mode; VDD =3V;
VLCD = 2.5 V; note 2
−
25
45
µA
ISS5
ground supply current 5
power-down mode;
VDD =3V; VLCD = 2.5 V;
DB7 to DB0,
RS and R/W = 1; OSC = 0;
PD = 1
−
0.5
5
µA
GROUND SUPPLY CURRENT (ISS); INTERNAL VLCD; notes 1 and 3
ISS6
ground supply current 6
−
190
400
µA
ISS8
ground supply current 8
VDD =3V; VLCD =5V;
note 2
−
135
400
µA
ISS9
ground supply current 9
icon mode; VDD = 2.5 V;
VLCD = 2.5 V; note 2
−
85
−µA
Logic
VIL
LOW-level input voltage
VSS1
−
0.3VDD1
V
VIH
HIGH-level input voltage
0.7VDD1
−
VDD1
V
VIL(osc)
LOW-level input voltage
pad OSC
VDD =VDD(min), VDD(max)
VSS1
−
VDD1 − 1.2
V
VIH(osc)
HIGH-level voltage pad OSC
VDD =VDD(min), VDD(max)
VDD1 − 0.1
−
VDD1
V
IOL(DB)
LOW-level output current pads
DB7 to DB0
VOL = 0.4 V; VDD1 = 5 V
1.6
4
−
mA
IOH(DB)
HIGH-level output current pads
DB7 to DB0
VOH =4V; VDD1 =5V
−1
−8
−
mA
Ipu
pull-up current pads DB7 to DB0 VI =VSS, VDD(min), VDD(max)
0.04
0.15
1
µA
IL
leakage current
VI =VDD1,2,3 or VSS1,2
−1
−
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com