Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU/2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2119RU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119RU/2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2119RU/2 Datasheet HTML 2Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 3Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 4Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 5Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 6Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 7Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 8Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 9Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
2003 Jan 30
6
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119X
6
PAD INFORMATION
The identification of each pad and its location is given in Chapter 18.
6.1
Pad functions
Table 1
Pad function description
Note
1. When the I2C-bus is used, the parallel interface pad E must be at logic 0. In the I2C-bus read mode DB7 to DB4 and
DB2 to DB0 should be connected to VDD1 or left open-circuit.
a) When the parallel bus is used, pads SCL and SDA must be connected to VSS1 or VDD1; they must not be left
open-circuit.
b) If the 4-bit interface is used without reading out from the PCF2119x (i.e. R/W is set permanently to logic 0), the
unused ports DB0 to DB4 can either be set to VSS1 or VDD1 instead of leaving them open-circuit.
SYMBOL
DESCRIPTION
VDD1
Logic supply voltage.
VDD2, VDD3
High voltage generator supply voltages (always put VDD2 =VDD3).
VSS1
This is the ground pad for all except the high voltage generator.
VSS2
This is the ground pad for the high voltage generator.
VLCD1
This input is used for the generation of the LCD bias levels.
VLCD2
This is the VLCD output pad if VLCD is generated internally then pad VLCD2 must be connected to VLCD1.
The pad must be left open-circuit when VLCD is generated externally.
VLCDSENSE
This input (VLCD) is used for the voltage multiplier’s regulation circuitry. This pad must be connected to
VLCD2 when using internal LCD supply and to VLCD1 and VLCD2 when using external LCD supply.
E
The data bus clock input is set HIGH to signal the start of a read or write operation; data is clocked in
or out of the chip on the negative edge of the clock; note 1.
T1 to T3
These are three test pads. T1 and T2 must be connected to VSS1; T3 is left open-circuit and is not user
accessible.
R1 to R18;
R17DUP
LCD row driver outputs R1 to R18; these pads output the row select waveforms to the display;
R17 and R18 drive the icons. R17 has two pads R17 and R17DUP.
C1 to C80
LCD column driver outputs C1 to C80.
SCL
I2C-bus serial clock input; note 1.
POR
External power-on reset input.
PD
PD selects the chip power-down mode; for normal operation PD = 0.
SDA
I2C-bus serial data input/output; note 1.
R/W
This is the read/write input. R/W selects either the read (R/W = 1) or write (R/W = 0) operation. This
pad has an internal pull-up resistor.
RS
The RS input selects the register to be accessed for read and write. RS = 0, selects the instruction
register for write and the busy flag and address counter for read. RS = 1, selects the data register for
both read and write. This pad has an internal pull-up resistor.
DB0 to DB7
The 8-bit bidirectional data bus (3-state) transfers data between the system controller and the
PCF2119x. DB7 may be used as the busy flag, signalling that internal operations are not yet
completed. In 4-bit operations the 4 higher order lines DB7 to DB4 are used; DB3 to DB0 must be left
open-circuit. Data bus line DB3 has an alternative function (SA0), when selected this is the I2C-bus
address pad. Each data line has its own internal pull-up resistor; note 1.
OSC
Oscillator or external clock input. When the on-chip oscillator is used this pad must be connected to
VDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com