Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2119RU/2 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2119RU/2
Description  LCD controllers/drivers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2119RU/2 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2119RU/2 Datasheet HTML 19Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 20Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 21Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 22Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 23Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 24Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 25Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 26Page - NXP Semiconductors PCF2119RU/2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 6
Instruction set with parallel bus commands; note 1
INSTRUCTION
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DESCRIPTION
REQUIRED
CLOCK
CYCLES
H=0or1
NOP
0000000000
no operation
3
Function set
00001
DL
0
M
SL
H
sets interface Data Length (DL) and number of
display lines (M); single line/MUX 1 : 9 (SL),
extended instruction set control (H)
3
Read busy flag
and address
counter
0
1
BF
AC
reads the Busy Flag (BF) indicating internal
operating is being performed and reads address
counter contents
0
Read data
1
1
read data
reads data from CGRAM or DDRAM
3
Write data
1
0
write data
writes data from CGRAM or DDRAM
3
H=0
Clear display
0000000001
clears entire display and sets DDRAM address 0
in address counter
165
Return home
0000000010
sets DDRAM address 0 in address counter; also
returns shifted display to original position;
DDRAM contents remain unchanged
3
Entry mode set
00000001
I/D
S
sets cursor move direction and specifies shift of
display; these operations are performed during
data write and read
3
Display control
0000001
D
C
B
sets entire display on/off (D), cursor on/off (C) and
blink of cursor position character (B); D = 0
(display off) puts chip into the power-down mode
3
Cursor/display
shift
000001
S/C
R/L
00
moves cursor and shifts display without changing
DDRAM contents
3
Set CGRAM
address
0001
ACG
sets CGRAM address; bit 6 is to be set by the
command ‘set DDRAM address’; look at the
description of the commands
3
Set DDRAM
address
001
ADD
sets DDRAM address
3
H=1
Reserved
0000000001
do not use
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com