Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 68Page - STMicroelectronics STM32H7B3RI Datasheet HTML 69Page - STMicroelectronics STM32H7B3RI Datasheet HTML 70Page - STMicroelectronics STM32H7B3RI Datasheet HTML 71Page - STMicroelectronics STM32H7B3RI Datasheet HTML 72Page - STMicroelectronics STM32H7B3RI Datasheet HTML 73Page - STMicroelectronics STM32H7B3RI Datasheet HTML 74Page - STMicroelectronics STM32H7B3RI Datasheet HTML 75Page - STMicroelectronics STM32H7B3RI Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 238 page
background image
Table 11. Port D alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
LPTIM1/
TIM1/2/16/17
PDM_SAI1/
TIM3/4/5/12/15
DFSDM1/
LPTIM2/3/
LPUART1/
OCTOSPIM_P1/2/
TIM8
CEC/DCMI/PSSI/
DFSDM1/2/
I2C1/2/3/4/
LPTIM2/TIM15/
USART1
CEC/SPI1/
I2S1/SPI2/
I2S2/SPI3/
I2S3/
SPI4/5/
SPI6/I2S6
DFSDM1/2/I2C4/
OCTOSPIM_P1/
SAI1/SPI3/I2S3/
UART4
SDMMC1/
SPI2/I2S2/
SPI3/I2S3/
SPI6/I2S6/
UART7/
USART1/2/3/6
LPUART1/
SAI2/
SDMMC1/
SPDIFRX1/
SPI6/I2S6/
UART4/5/8
FDCAN1/2/FMC/LC
D/OCTOSPIM_P1/2/
SDMMC2/
SPDIFRX1/
TIM13/14
CRS/FMC/LCD/
OCTOSPIM_P1/
OTG1_FS/
OTG1_HS/SAI2/
SDMMC2/TIM8
DFSDM1/2/
I2C4/LCD/
MDIOS/
OCTOSPIM_P1/
SDMMC2/
SWPMI1/
TIM1/8/
UART7/9/
USART10
FMC/LCD/
MDIOS/
SDMMC1/
TIM1/8
COMP/
DCMI/
PSSI/LCD/
TIM1
LCDUART5
SYS
PD0
-
-
-
DFSDM1_CKIN6
-
-
-
-
UART4_RX
FDCAN1_RX
-
UART9_CTS
FMC_D2/
FMC_DA2
-
LCD_B1
EVENTOUT
PD1
-
-
-
DFSDM1_DATIN6
-
-
-
-
UART4_TX
FDCAN1_TX
-
-
FMC_D3/
FMC_DA3
-
-
EVENTOUT
PD2
TRACED2
-
TIM3_ETR
-
TIM15_BKIN
-
-
-
UART5_RX
LCD_B7
-
-
SDMMC1_CMD
DCMI_D11/
PSSI_D11
LCD_B2
EVENTOUT
PD3
-
-
-
DFSDM1_CKOUT
-
SPI2_SCK/
I2S2_CK
-
USART2_CTS/
USART2_NSS
-
-
-
-
FMC_CLK
DCMI_D5/
PSSI_D5
LCD_G7
EVENTOUT
PD4
-
-
-
-
-
-
-
USART2_RTS
-
-
OCTOSPIM_P1_IO4
-
FMC_NOE
-
-
EVENTOUT
PD5
-
-
-
-
-
-
-
USART2_TX
-
-
OCTOSPIM_P1_IO5
-
FMC_NWE
-
-
EVENTOUT
PD6
-
-
SAI1_D1
DFSDM1_CKIN4
DFSDM1_DATIN1
SPI3_MOSI/
I2S3_SDO
SAI1_SD_A
USART2_RX
-
-
OCTOSPIM_P1_IO6
SDMMC2_CK
FMC_NWAIT
DCMI_D10/
PSSI_D10
LCD_B2
EVENTOUT
PD7
-
-
-
DFSDM1_DATIN4
-
SPI1_MOSI/
I2S1_SDO
DFSDM1_CKIN1
USART2_CK
-
SPDIFRX1_IN0
OCTOSPIM_P1_IO7
SDMMC2_CMD
FMC_NE1
-
-
EVENTOUT
PD8
-
-
-
DFSDM1_CKIN3
-
-
-
USART3_TX
-
SPDIFRX1_IN1
-
-
FMC_D13/
FMC_DA13
-
-
EVENTOUT
PD9
-
-
-
DFSDM1_DATIN3
-
-
-
USART3_RX
-
-
-
-
FMC_D14/
FMC_DA14
-
-
EVENTOUT
PD10
-
-
-
DFSDM1_CKOUT
DFSDM2_CKOUT
-
-
USART3_CK
-
-
-
-
FMC_D15/
FMC_DA15
-
LCD_B3
EVENTOUT
PD11
-
-
-
LPTIM2_IN2
I2C4_SMBA
-
-
USART3_CTS/
USART3_NSS
-
OCTOSPIM_P1_IO0
SAI2_SD_A
-
FMC_A16/
FMC_CLE
-
-
EVENTOUT
PD12
-
LPTIM1_IN1
TIM4_CH1
LPTIM2_IN1
I2C4_SCL
-
-
USART3_RTS
-
OCTOSPIM_P1_IO1
SAI2_FS_A
-
FMC_A17/
FMC_ALE
DCMI_D12/
PSSI_D12
-
EVENTOUT
PD13
-
LPTIM1_OUT
TIM4_CH2
-
I2C4_SDA
-
-
-
-
OCTOSPIM_P1_IO3
SAI2_SCK_A
UART9_RTS
FMC_A18
DCMI_D13/
PSSI_D13
-
EVENTOUT
PD14
-
-
TIM4_CH3
-
-
-
-
-
UART8_CTS
-
-
UART9_RX
FMC_D0/
FMC_DA0
-
-
EVENTOUT
PD15
-
-
TIM4_CH4
-
-
-
-
-
UART8_RTS
-
-
UART9_TX
FMC_D1/
FMC_DA1
-
-
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com