Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 81 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 77Page - STMicroelectronics STM32H7B3RI Datasheet HTML 78Page - STMicroelectronics STM32H7B3RI Datasheet HTML 79Page - STMicroelectronics STM32H7B3RI Datasheet HTML 80Page - STMicroelectronics STM32H7B3RI Datasheet HTML 81Page - STMicroelectronics STM32H7B3RI Datasheet HTML 82Page - STMicroelectronics STM32H7B3RI Datasheet HTML 83Page - STMicroelectronics STM32H7B3RI Datasheet HTML 84Page - STMicroelectronics STM32H7B3RI Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 238 page
background image
1.
100 nF filtering capacitor on each package pin.
2.
A tolerance of +/- 20% is acceptable on decoupling capacitors.
Note:
Refer to Getting started with STM32H7A3/7B3 and STM32H7B0 hardware development(AN5307) for more
details.
Caution:
Each power supply pair (VDD/VSS, VDDA/VSSA ...) must be decoupled with filtering ceramic capacitors as shown
above. These capacitors must be placed as close as possible to, or below, the appropriate pins on the underside
of the PCB to ensure good operation of the device. It is not recommended to remove filtering capacitors to
reduce PCB size or cost. This might cause incorrect operation of the device.
6.1.7
Current consumption measurement
Figure 22. Current consumption measurement scheme
IDD_VBAT
LDO ON
VBAT
IDD
VDD
VDDA
VDDLDO
VDDMMC
IDD_VBAT
SMPS ON
VBAT
IDD
VDD
VDDA
VDDSMPS
VDDMMC
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 19. Voltage characteristics, Table 20. Current
characteristics, and Table 21. Thermal characteristics may cause permanent damage to the device. These are
stress ratings only and the functional operation of the device at these conditions is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability. Device mission profile (application
conditions) is compliant with JEDEC JESD47 Qualification Standard, extended mission profiles are available on
demand.
Table 19. Voltage characteristics
All main power (VDD, VDDA, VDD33USB, VDDMMC, VDDSMPS, VBAT) and ground (VSS, VSSA) pins must always be connected to the
external power supply, in the permitted range.
Symbols
Ratings
Min
Max
Unit
VDDX − VSS
External main supply voltage (including VDD, VDDLDO, VDDSMPS,
VDDA, VDD33USB, VDDMMC, VBAT, VREF+)
−0.3
4.0
V
VIN(1)
Input voltage on FT_xxx pins
VSS−0.3
Min(VDD, VDDA,
VDD33USB, VDDMMC,
VBAT) +4.0(2)(3)
V
Input voltage on TT_xx pins
VSS−0.3
4.0
V
Input voltage on BOOT0 pin
VSS
9.0
V
Input voltage on any other pins
VSS−0.3
4.0
V
|ΔVDDX|
Variations between different VDDX power pins of the same domain
-
50
mV
STM32H7B3xI
Absolute maximum ratings
DS13139 - Rev 8
page 81/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com