Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 12Page - STMicroelectronics STM32H7B3RI Datasheet HTML 13Page - STMicroelectronics STM32H7B3RI Datasheet HTML 14Page - STMicroelectronics STM32H7B3RI Datasheet HTML 15Page - STMicroelectronics STM32H7B3RI Datasheet HTML 16Page - STMicroelectronics STM32H7B3RI Datasheet HTML 17Page - STMicroelectronics STM32H7B3RI Datasheet HTML 18Page - STMicroelectronics STM32H7B3RI Datasheet HTML 19Page - STMicroelectronics STM32H7B3RI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 238 page
background image
3.5.3
Voltage regulator
The same voltage regulator supplies the two power domains (CD and SRD). The CD domain can be
independently switched off.
Voltage regulator output can be adjusted according to application needs through six power supply levels:
•
Run mode (VOS0 to VOS3)
–
Scale 0 and scale 1: high performance
–
Scale 2: medium performance and consumption
–
Scale 3: optimized performance and low-power consumption
•
Stop mode (SVOS3 to SVOS5)
–
Scale 3: peripheral with wakeup from stop mode capabilities (UART, SPI, I2C, LPTIM) are operational
–
Scale 4 and 5 where the peripheral with wakeup from Stop mode is disabled
The peripheral functionality is disabled but wakeup from Stop mode is possible through GPIO or
asynchronous interrupt.
3.5.4
SMPS step-down converter
The built-in SMPS step-down converter is a highly power-efficient DC/DC non-linear switching regulator that
provides lower power consumption than a conventional voltage regulator (LDO).
The step-down converter can be used to:
•
Directly supply the VCORE domain
–
the SMPS step-down converter operating modes follow the device system operating modes (Run,
Stop, Standby).
–
the SMPS step-down converter output voltage are set according to the selected VOS and SVOS bits
(voltage scaling)
•
Provide intermediate voltage level to supply the internal voltage regulator (LDO)
–
The SMPS step-down converter operating modes follow the device system operating modes (Run,
Stop, Standby).
–
The SMPS step-down converter output equals 1.8 V or 2.5 V according to the selected step-down level
•
Provide an external supply
–
The SMPS step-down converter is forced to external operating mode
–
The SMPS step-down converter output equals 1.8 V or 2.5 V according to the selected step-down level
The 1.8 V or 2.5 V SMPS step-down converter output voltage imposes a minimum VDDSMPS supply of 2.5 V or
3.3 V, respectively. It defines indirectly the minimum VDD supply and I/O level.
3.6
Low-power modes
There are several ways to reduce power consumption on STM32H7B3xI:
•
Decrease dynamic power consumption by slowing down the system clocks even in Run mode and
individually clock gating the peripherals that are not used.
•
Save power consumption when the CPU is idle, by selecting among the available low-power mode
according to the user application needs. This allows achieving the best compromise between short startup
time, low-power consumption, as well as available wakeup sources.
The devices feature several low-power modes:
•
System Run with CSleep (CPU clock stopped)
•
Autonomous with CD domain in DStop (CPU and CPU Domain bus matrix clocks stopped)
•
Autonomous with CD domain in DStop2 (CPU and CPU Domain bus matrix clocks stopped, CPU domain in
retention mode)
•
System Stop (SRD domain clocks stopped) and CD domain in DStop (CPU and CPU Domain bus matrix
clocks stopped)
•
System Stop (SRD domain clocks stopped) and CD domain in DStop2 (CPU and CPU Domain bus matrix
clocks stopped, CPU domain in retention mode)
•
Standby (System, CD and SRD domains powered down)
STM32H7B3xI
Low-power modes
DS13139 - Rev 8
page 16/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com