Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 100Page - STMicroelectronics STM32H7B3RI Datasheet HTML 101Page - STMicroelectronics STM32H7B3RI Datasheet HTML 102Page - STMicroelectronics STM32H7B3RI Datasheet HTML 103Page - STMicroelectronics STM32H7B3RI Datasheet HTML 104Page - STMicroelectronics STM32H7B3RI Datasheet HTML 105Page - STMicroelectronics STM32H7B3RI Datasheet HTML 106Page - STMicroelectronics STM32H7B3RI Datasheet HTML 107Page - STMicroelectronics STM32H7B3RI Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 238 page
background image
Peripheral
IDD(Typ)
Unit
VOS0
VOS1
VOS2
VOS3
APB2
USART6 registers
µA/MHz
3.80
4.00
4.50
6.30
USART6 kernel
0.10
0.10
0.10
0.10
USART10 registers
4.00
4.10
4.60
6.40
USART10 kernel
0.10
0.10
0.10
0.10
UART9 registers
3.50
3.60
4.00
5.50
UART9 kernel
0.10
0.10
0.10
0.10
SPI1 registers
2.10
1.90
1.80
1.60
SPI1 kernel
0.90
0.80
0.70
0.70
SPI4 registers
2.10
1.90
1.70
1.50
SPI4 kernel
0.50
0.50
0.40
0.40
TIM15
5.30
4.90
4.40
4.00
TIM16
4.20
3.90
3.50
3.20
TIM17
4.30
4.00
3.60
3.30
SPI5 registers
2.00
1.90
1.70
1.50
SPI5 kernel
0.50
0.50
0.40
0.40
SAI1 registers
1.80
1.60
1.50
1.30
SAI1 kernel
1.40
1.30
1.20
1.00
SAI2 registers
2.30
2.10
1.90
1.70
SAI2 kernel
1.20
1.10
1.00
0.90
DFSDM1 registers
10.00
9.60
8.80
8.00
DFSDM1 kernel
0.10
0.10
0.10
0.10
Bridge
0.50
0.40
0.40
0.30
APB4
SYSCFG
0.40
0.30
0.30
0.30
LPUART1 registers
1.10
1.00
0.90
0.80
LPUART1 kernel
2.30
2.10
1.90
1.70
SPI6 registers
1.70
1.50
1.40
1.30
SPI6 kernel
0.60
0.50
0.50
0.40
I2C4 registers
0.80
0.70
0.60
0.60
I2C4 kernel
1.90
1.70
1.60
1.40
LPTIM2 registers
0.60
0.60
0.50
0.50
LPTIM2 kernel
1.90
1.70
1.60
1.40
LPTIM3 registers
0.60
0.50
0.50
0.40
LPTIM3 kernel
1.50
1.40
1.30
1.20
DAC2
0.80
0.70
0.60
0.50
COMP12
0.40
0.30
0.30
0.30
VREF
0.30
0.30
0.20
0.20
RTCAPB
1.90
1.70
1.60
1.40
TMPSENS
2.30
2.10
2.00
1.80
DFSDM2 registers
1.70
1.50
1.40
1.30
DFSDM2 kernel
0.10
0.10
0.10
0.10
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 104/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com