Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 108Page - STMicroelectronics STM32H7B3RI Datasheet HTML 109Page - STMicroelectronics STM32H7B3RI Datasheet HTML 110Page - STMicroelectronics STM32H7B3RI Datasheet HTML 111Page - STMicroelectronics STM32H7B3RI Datasheet HTML 112Page - STMicroelectronics STM32H7B3RI Datasheet HTML 113Page - STMicroelectronics STM32H7B3RI Datasheet HTML 114Page - STMicroelectronics STM32H7B3RI Datasheet HTML 115Page - STMicroelectronics STM32H7B3RI Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 238 page
background image
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
∆VDD(CSI)
CSI oscillator frequency drift over VDD
VDD = 1.62 to 3.6 V
−0.06
-
0.06
%
tsu(CSI)
CSI oscillator startup time
-
-
1
2
µs
tstab(CSI)
CSI oscillator stabilization time (to reach ± 3 % of
fCSI)
-
-
-
4
cycle
IDD(CSI)
CSI oscillator power consumption
-
-
23
30
µA
1. Guaranteed by design, unless otherwise specified.
2. Calibrated during manufacturing tests.
3. Guaranteed by characterization results.
Low-speed internal (LSI) RC oscillator
Table 54. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
VDD = 3.3 V, TJ = 25 °C
31,4(1)
32 32,6(1)
kHz
TJ = –40 to 110 °C, VDD = 1.62 to 3.6 V 29,76(2)
-
33,6(2)
TJ = –40 to 130 °C, VDD = 1.62 to 3.6 V 29,4(2)
-
33,6(2)
tsu(LSI)(3)
LSI oscillator startup time
-
-
80
130
µs
tstab(LSI)(3)
LSI oscillator stabilization time (5% of final
value)
-
-
120
170
IDD(LSI)(3)
LSI oscillator power consumption
-
-
130
280
nA
1. Calibrated during manufacturing tests.
2. Guaranteed by characterization results.
3. Guaranteed by design.
6.3.11
PLL characteristics
The parameters given in Table 55. PLL characteristics (wide VCO frequency range) are derived from tests
performed under temperature and VDD supply voltage conditions summarized in Table 22. General operating
conditions.
Table 55. PLL characteristics (wide VCO frequency range)
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_P_OUT PLL multiplier output clock P, Q, R
VOS0
1
-
280(2)
MHz
VOS1
1
-
225(2)
VOS2
1
-
160(2)
VOS3
1
-
88(2)
fVCO_OUT PLL VCO output
-
128
-
560(3)
tLOCK
PLL lock time
Normal mode
-
45
100(3)
µs
Sigma-delta mode (fPLL_IN ≥ 8 MHz)
-
60
120(3)
Jitter
Cycle-to-cycle jitter
fVCO_OUT = 128 MHz
-
60
-
±ps
fVCO_OUT = 200 MHz
-
50
-
fVCO_OUT = 400 MHz
-
20
-
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 112/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com