Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 115Page - STMicroelectronics STM32H7B3RI Datasheet HTML 116Page - STMicroelectronics STM32H7B3RI Datasheet HTML 117Page - STMicroelectronics STM32H7B3RI Datasheet HTML 118Page - STMicroelectronics STM32H7B3RI Datasheet HTML 119Page - STMicroelectronics STM32H7B3RI Datasheet HTML 120Page - STMicroelectronics STM32H7B3RI Datasheet HTML 121Page - STMicroelectronics STM32H7B3RI Datasheet HTML 122Page - STMicroelectronics STM32H7B3RI Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 238 page
background image
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run consumption of the MCU
sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD (see Table 20. Current characteristics).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run consumption of the MCU sunk
on VSS cannot exceed the absolute maximum rating ΣIVSS (see Table 20. Current characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in Table 66. Output voltage characteristics for all I/Os except
PC13, PC14, PC15 and PI8 and Table 67. Output voltage characteristics for PC13, PC14, PC15 and PI8 are
derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in
Table 22. General operating conditions. All I/Os are CMOS and TTL compliant.
Table 66. Output voltage characteristics for all I/Os except PC13, PC14, PC15 and PI8
The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 19. Voltage
characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the
absolute maximum ratings ΣIIO.
Symbol
Parameter
Conditions(1)
Min
Max Unit
VOL
Output low level voltage
CMOS port(2)
IIO=8 mA
2.7 V≤ VDD ≤3.6 V
-
0.4
V
VOH
Output high level voltage
CMOS port(2)
IIO= −8 mA
2.7 V≤ VDD ≤3.6 V
VDD−0.4
-
VOL(3)
Output low level voltage
TTL port(2)
IIO=8 mA
2.7 V≤ VDD ≤3.6 V
-
0.4
VOH(3)
Output high level voltage
TTL port(2)
IIO=-8 mA
2.7 V≤ VDD ≤3.6 V
2.4
-
VOL(3)
Output low level voltage
IIO=20 mA
2.7 V≤ VDD ≤3.6 V
-
1.3
VOH(3)
Output high level voltage
IIO=−20 mA
2.7 V≤ VDD ≤3.6 V
VDD−1.3
-
VOL(3)
Output low level voltage
IIO= 4 mA
1.62 V≤ VDD ≤3.6 V
-
0.4
VOH (3)
Output high level voltage
IIO= −4 mA 1.62 V≤VDD<3.6 V VDD−0.4
-
VOLFM+(3) Output low level voltage for an FTf I/O pin in FM+ mode
IIO= 20 mA
2.3 V≤ VDD≤3.6 V
-
0.4
IIO= 10 mA
1.62 V≤ VDD ≤3.6 V
-
0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in
Table 19. Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins)
must always respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.
Table 67. Output voltage characteristics for PC13, PC14, PC15 and PI8
Symbol
Parameter
Conditions(1)
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2) IIO=3 mA, 2.7 V≤ VDD ≤ 3.6 V
-
0.4
V
VOH
Output high level voltage
CMOS port(2) IIO= −3 mA, 2.7 V≤ VDD ≤ 3.6 V
VDD−0.4
-
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 119/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com