Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H7B3RI Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32H7B3RI
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 2-Mbyte flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B3RI Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32H7B3RI Datasheet HTML 153Page - STMicroelectronics STM32H7B3RI Datasheet HTML 154Page - STMicroelectronics STM32H7B3RI Datasheet HTML 155Page - STMicroelectronics STM32H7B3RI Datasheet HTML 156Page - STMicroelectronics STM32H7B3RI Datasheet HTML 157Page - STMicroelectronics STM32H7B3RI Datasheet HTML 158Page - STMicroelectronics STM32H7B3RI Datasheet HTML 159Page - STMicroelectronics STM32H7B3RI Datasheet HTML 160Page - STMicroelectronics STM32H7B3RI Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 238 page
background image
6.3.26
Temperature and VBAT monitoring
Table 102. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-
26
-
KΩ
Q
Ratio on VBAT measurement
-
4
-
-
Er(1)
Error on Q
–10
-
+10
%
tS_vbat(1)
ADC sampling time when reading VBAT input
9
-
-
µs
VBAThigh
High supply monitoring
-
3.55
-
V
VBATlow
Low supply monitoring
-
1.36
-
1. Guaranteed by design.
Table 103. VBAT charging characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RBC
Battery charging resistor
VBRS in PWR_CR3= 0
-
5
-
KΩ
VBRS in PWR_CR3= 1
-
1.5
-
Table 104. Temperature monitoring characteristics
Symbol
Parameter
Min(1)
Typ(1)
Max(1)
Unit
TEMPhigh
High temperature monitoring
-
117
-
°C
TEMPlow
Low temperature monitoring
-
–25
-
1. Guaranteed by design.
6.3.27
Voltage booster for analog switch
Table 105. Voltage booster for analog switch characteristics
Symbol
Parameter
Condition
Min(1)
Typ(1)
Max(1)
Unit
VDD
Supply voltage
-
1.62
2.6
3.6
V
tSU(BOOST)
Booster startup time
-
-
-
50
µs
IDD(BOOST)
Booster consumption
1.62 V ≤ VDD ≤ 2.7 V
-
-
125
µA
2.7 V < VDD < 3.6 V
-
-
250
1. Guaranteed by characterization results.
6.3.28
Comparator characteristics
Table 106. COMP characteristics
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
VDDA
Analog supply voltage
-
1.62
3.3
3.6
V
VIN
Comparator input voltage range
-
0
-
VDDA
VBG(2)
Scaler input voltage
-
-
VSC
Scaler offset voltage
-
-
±5
±10
mV
STM32H7B3xI
Operating conditions
DS13139 - Rev 8
page 157/238



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com