Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB514IPT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSB514IPT
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IPT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSB514IPT Datasheet HTML 2Page - STMicroelectronics TSB514IPT Datasheet HTML 3Page - STMicroelectronics TSB514IPT Datasheet HTML 4Page - STMicroelectronics TSB514IPT Datasheet HTML 5Page - STMicroelectronics TSB514IPT Datasheet HTML 6Page - STMicroelectronics TSB514IPT Datasheet HTML 7Page - STMicroelectronics TSB514IPT Datasheet HTML 8Page - STMicroelectronics TSB514IPT Datasheet HTML 9Page - STMicroelectronics TSB514IPT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
CLoad
Capacitive load drive
100
pF
en
Input voltage noise density
f = 10 kHz
12
nV/√Hz
en p-p
Input noise voltage
0.1 Hz ≤ f ≤ 10 Hz
0.8
µVpp
1. Current is positive when it is sinked into the op amp.
2. Iio is defined as |Iibp – Iibn|.
Table 7. Electrical characteristics at VCC+ = 36 V, VCC- = 0 V, VICM = VOUT = VCC/2, T = 25 °C and RL
connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
VIO
Input offset voltage
VCC- ≤ VICM ≤ VCC+
mV
T = 25 °C
±1.5
Tmin < T < Tmax
±2
|∆ VIO/∆T| Input offset voltage drift
Tmin < T < Tmax
2
µV/°C
IIB
Input bias current (1)
VICM = VCC/2
nA
T = 25 °C
-100
0
Tmin < T < Tmax
-200
0
IIO
Input offset current (2)
VICM = VCC/2
10
AVD
Open loop gain
(VCC-) + 0.5 V ≤ VOUT ≤ (VCC+) - 0.5 V, RL ≥ 10 kΩ
dB
T = 25 °C
110
125
Tmin < T < Tmax
105
CMR
Common mode rejection
ratio: 20 log (ΔVicm/ΔVio)
VCC- ≤ VICM ≤ VCC+
dB
T = 25 °C
90
120
Tmin < T < Tmax
85
SVR
Power supply rejection ratio:
20 log (ΔVcc/ΔVio)
5 V < (VCC+) - (VCC-) < 36 V,
VICM = VCC/2, Tmin < T < Tmax
100
125
dB
VOH
High level output voltage
(drop voltage from VCC+)
No load, Tmin < T < Tmax
120
mV
Isource = 2 mA, Tmin < T < Tmax
200
Isource = 15 mA, Tmin < T < Tmax
1000
VOL
Low-level output voltage
No load, Tmin < T < Tmax
120
Isink = 2 mA, Tmin < T < Tmax
200
Isink = 15 mA, Tmin < T < Tmax
1000
IOUT
Isink
VOUT = VCC
mA
T = 25 °C
25
50
Tmin < T < Tmax
20
Isource
VOUT = 0 V
T = 25 °C
25
50
Tmin < T < Tmax
20
ICC
Supply current (per channel)
No load, T = 25 °C
1.8
mA
Tmin < T < Tmax
3
TSB511, TSB512, TSB514
Electrical characteristics
DS13885 - Rev 1
page 6/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com