Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB514IPT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSB514IPT
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IPT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSB514IPT Datasheet HTML 10Page - STMicroelectronics TSB514IPT Datasheet HTML 11Page - STMicroelectronics TSB514IPT Datasheet HTML 12Page - STMicroelectronics TSB514IPT Datasheet HTML 13Page - STMicroelectronics TSB514IPT Datasheet HTML 14Page - STMicroelectronics TSB514IPT Datasheet HTML 15Page - STMicroelectronics TSB514IPT Datasheet HTML 16Page - STMicroelectronics TSB514IPT Datasheet HTML 17Page - STMicroelectronics TSB514IPT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
5
Ordering information
Table 8. Order codes
Order code
Package
Packaging
Marking
TSB511ILT
SOT23-5
Tape & Reel
K232
TSB511IYLT (1)
K233
TSB512IDT
SO8
TSB512I
TSB512IYDT (1)
TSB512IY
TSB512IST
MiniSO8
K232
TSB512IYST (1)
K233
TSB514IDT
SO14
TSB514I
TSB514IYDT (1)
TSB514IY
TSB514IPT
TSSOP14
B514I
TSB514IYPT (1)
B514IY
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q002 or equivalent.
TSB511, TSB512, TSB514
Ordering information
DS13885 - Rev 1
page 14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com