Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB514IPT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSB514IPT
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB514IPT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSB514IPT Datasheet HTML 3Page - STMicroelectronics TSB514IPT Datasheet HTML 4Page - STMicroelectronics TSB514IPT Datasheet HTML 5Page - STMicroelectronics TSB514IPT Datasheet HTML 6Page - STMicroelectronics TSB514IPT Datasheet HTML 7Page - STMicroelectronics TSB514IPT Datasheet HTML 8Page - STMicroelectronics TSB514IPT Datasheet HTML 9Page - STMicroelectronics TSB514IPT Datasheet HTML 10Page - STMicroelectronics TSB514IPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
4.5
6
MHz
SR
Slew rate
9 V step, RL = 10 kΩ, CL = 100 pF,
AV = 1 V/V, 10% to 90%
2.2
3
V/µs
THD+N
Total harmonic distortion +
noise
VIN = 1 Vrms, AV = +1, f = 1 kHz, BW = 22 kHz
%
RL = 10 kΩ
0.0003
RL = 1 kΩ
0.0003
Φm
Phase margin
RL = 10 kΩ, CL = 100 pF,
Unity gain
45
°
CLoad
Capacitive load drive
100
pF
en
Input voltage noise density
f = 10 kHz
12
nV/√Hz
en p-p
Input noise voltage
0.1 Hz ≤ f ≤ 10 Hz
0.5
µVpp
CR
Cross talk
VOUT = 5 Vpp, AV = +11, RL = 10 kΩ
dB
f = 1 kHz
125
f = 10 kHz
100
1. Current is positive when it is sinked into the op amp.
2. Iio is defined as |Iibp – Iibn|.
TSB511, TSB512, TSB514
Electrical characteristics
DS13885 - Rev 1
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com