Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P3TR Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32C011F6P3TR
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P3TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32C011F6P3TR Datasheet HTML 47Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 48Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 49Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 50Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 51Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 52Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 53Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 54Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
DS13866 Rev 3
51/94
STM32C011x4/x6
Electrical characteristics
79
5.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 35 are the latency between the event and the execution of
the first user instruction.
SPI1
APB
3.18
SPI1 independent clock domain
1.44
USART1
2.22
USART1 independent clock domain
5.77
TIM14
1.42
TIM16
2.54
TIM17
2.45
ADC1
1.92
ADC1 independent clock domain
0.12
All peripherals
43.56
Table 34. Current consumption of peripherals (continued)
Peripheral
Bus
Consumption in
µA/MHz
Table 35. Low-power mode wakeup times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from
Sleep to Run
mode
HCLK = HSI48/4 =
12 MHz
Transiting to Run-mode execution in
flash memory powered during Sleep
mode
10
12
CPU
clock
cycles
Transiting to Run-mode execution in
flash memory not powered during
Sleep mode
4.75
5.02
µs
tWULPSTOP
Wakeup time from
Stop mode
Clock after
wakeup is HCLK =
HSI48/4 = 12 MHz
Transiting to Run-mode execution in
flash memory powered during Stop
mode
2.7
3.1
µs
Transiting to Run-mode execution in
flash memory not powered during
Stop mode
5.9
6.4
Transiting to Run-mode execution in
SRAM
2.5
2.9
tWUSTBY
Wakeup time from
Standby mode
Clock after
wakeup is HCLK =
HSI48/4 = 12 MHz
Transiting to Run mode
23
35
tWUSHDN
Wakeup time from
Shutdown mode
Clock after
wakeup is HCLK =
HSI48/4 = 12 MHz
Transiting to Run mode
385
466
1. Evaluated by characterization – Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com