Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P3TR Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32C011F6P3TR
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P3TR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32C011F6P3TR Datasheet HTML 53Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 54Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 55Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 56Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 57Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 58Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 59Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 60Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 94 page
background image
DS13866 Rev 3
57/94
STM32C011x4/x6
Electrical characteristics
79
Figure 16. HSI48 frequency versus temperature
Low-speed internal (LSI) RC oscillator
5.3.9
flash memory characteristics
Temperature
MS55839V1
Table 41. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
fLSI
LSI frequency
VDD = 3.3 V, TA = 25 °C
31.04
32
32.96
kHz
VDD = 2 V to 3.6 V, TA = -40 to 125 °C
29.5
(1)
-34(1)
tSU(LSI)(2)
LSI oscillator start-up time
-
-
80
130
μs
tSTAB(LSI)(2) LSI oscillator stabilization time 5% of final frequency
-
125
180
μs
IDD(LSI)(2)
LSI oscillator power
consumption
-
-
110
180
nA
1. Evaluated by characterization – Not tested in production.
2. Specified by design – Not tested in production.
Table 42. Flash memory characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tprog
Word programming time
64 bits
-
85.0
125.0
µs
tprog_row
Row (32 double word)
programming time
Normal programming
-
2.7
4.6
ms
Fast programming
-
1.7
2.8
tprog_page
Page (2 Kbyte) programming
time
Normal programming
-
21.8
36.6
Fast programming
-
13.7
22.4
tERASE
Page (2 Kbyte) erase time
-
-
22.0
40.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com