Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32C011F6P3TR Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32C011F6P3TR
Description  Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32C011F6P3TR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32C011F6P3TR Datasheet HTML 84Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 85Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 86Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 87Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 88Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 89Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 90Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 91Page - STMicroelectronics STM32C011F6P3TR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
Package information
STM32C011x4/x6
88/94
DS13866 Rev 3
Figure 35. TSSOP20 package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
6.4
UFQFPN20 package information
UFQFPN20 is a 20-lead, 3 x 3 mm, 0.5 mm pitch, ultra-thin fine-pitch quad flat package.
Figure 36. UFQFPN20 – Outline
1. Drawing is not to scale.
MS55848V1
Date code
Pin 1 identifier
32C011F4P6
Product identification(1)
Revision code
Y WW
e3
A
A0A5_ME_V4
15
16
20
1
5
D
e
b
e
E
A1
A
ddd
L2
10
L1
A3
L5
D
E
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin 1
L3
E1
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com